Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS412
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS412 Datasheet HTML 8Page - Microchip Technology HCS412 Datasheet HTML 9Page - Microchip Technology HCS412 Datasheet HTML 10Page - Microchip Technology HCS412 Datasheet HTML 11Page - Microchip Technology HCS412 Datasheet HTML 12Page - Microchip Technology HCS412 Datasheet HTML 13Page - Microchip Technology HCS412 Datasheet HTML 14Page - Microchip Technology HCS412 Datasheet HTML 15Page - Microchip Technology HCS412 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
HCS412
DS41099C-page 12
Preliminary
© 2002 Microchip Technology Inc.
FIGURE 3-4:
SEED CODE WORD DATA FORMAT
TABLE 3-4:
SEED TRANSMISSION OPTIONS
3.3
Transmission Data Modulation
The data modulation format is selectable between
Pulse Width Modulation (PWM) and Manchester using
the Data Modulation (MOD) configuration option.
Regardless of the modulation format, each code word
contains a leading 50% duty cycle preamble and a syn-
chronization header to wake the receiver and provide
synchronization events for the receive routine. Each
code word also contains a trailing guard time, separat-
ing code words. Manchester encoding further includes
a leading and closing ‘1’ around each 69-bit data block.
The same code word repeats as long as the same input
pins remain active, until a time-out occurs or a delayed
seed transmission is activated.
The modulated data timing is typically referred to in
multiples of a Basic Timing Element (RFTE). ‘RF’ TE
because the DATA pin output is typically sent through a
RF transmitter to the decoder or transponder reader.
RFTE may be selected using the Transmission Baud
Rate (RFBSL) configuration option (Table 3-6).
TABLE 3-5:
TRANSMISSION
MODULATION TIMING
* Enabling long preambles extends the first code
word’s preamble to TLPRE milliseconds.
TABLE 3-6:
BAUD RATE SELECTION (RFBSL)
SEED
TMPSD
Description
0
0
SEED transmissions permanently disabled
0
1
Limited SEED transmissions (Note 1) - temporarily enabled until the
7 LSb’s of the synchronization counter wrap from 7Fh to 00h
1
0
SEED transmissions permanently enabled (Note 1)
1
1
SEED transmissions permanently disabled (2 key IFF enabled)
Note 1: Refer to Table 3-1 for appropriate button activation of SEED transmissions.
QUE
2 Bits
CRC
2 Bits
VLOW
1-Bit
BUT
4 Bits
SDVAL3
12 Most Sig Bits
S2 S1 S0 LC0
Note: SEED transmissions only allowed when appropriate configuration bits are set.
SDVAL2
16 Bits
SDVAL1
16 Bits
SDVAL0
16 Least Sig Bits
Q1 Q0 C1 C0
LSb
69 Data bits
Transmitted
LSb first.
MSb
Shaded data included in CRC calculation
Period
PWM
Manchester
Units
Preamble
31*
31*
RFTE
Header
10
4
RFTE
Data
207
142
RFTE
Guard
46
31
RFTE
RFBSL1:0
CWBE
PWM RFTE
Manchester RFTE
Transmit...
00b
X
400
µs
800
µs
All code words
01b
0
200
µs
400
µs
All code words
1
200
µs
400
µs
Every other code word
10b
0
100
µs
200
µs
All code words
1
100
µs
200
µs
Every other code word
11b
0
100
µs
200
µs
All code word
1
100
µs
200
µs
Every fourth code word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com