Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5911 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5911
Description  200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5911 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5911 Datasheet HTML 1Page - E-CMOS Corporation EC5911 Datasheet HTML 2Page - E-CMOS Corporation EC5911 Datasheet HTML 3Page - E-CMOS Corporation EC5911 Datasheet HTML 4Page - E-CMOS Corporation EC5911 Datasheet HTML 5Page - E-CMOS Corporation EC5911 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
200MHz, High-Speed, CMOS,
Rail-to-Rail Operational Amplifier
EC5911
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 1 of 6
General Description
The
EC5911
is
wideband,
low-noise,
low-distortion
operational amplifier, that offer rail-to-rail output and
single-supply operation down to 2.5V. They draw 2.8mA of
quiescent supply current, as well as low input voltage-noise
density (13nV/
Hz) and low input current-noise density
(400fA/
Hz). These features make the devices an ideal
choice for applications that require low distortion and low
noise.The EC5911 has output which swing rail-to-rail
and their input common-mode voltage range includes
ground
and offer
wide
bandwidth
to 200MHz
(G=+1) .They are specified over the extended industrial
temperature range (-45 C ~ 125 C).The single EC5911 is
available in space-saving, SOT23-5 and SOP-8 packages.
Features
● Single-Supply Operation from +2.5V ~ +5.5V
● Rail-to-Rail Input / Output
● Gain-Bandwidth Product: 200MHz (Typ.)
● Low Input Bias Current: 10pA (Typ.)
● Low Offset Voltage: 5mV (Max.)
● Quiescent Current: 2.8mA (Typ.)
● Operating Temperature: -40°C ~ +125°C
● Available in SOT23-5 and SOP8 Packages
Applications
● Portable Equipment
● Mobile Communications
● Smoke Detector
● Sensor interface
● Medical Instrumentation
● Handheld Test Equipment
● imaging / video
Pin Assignments
Figure 1. Pin Assignment Diagram (SOT23-5 and SOP8 Package)


Similar Part No. - EC5911

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
EC5912NNM1R E-CMOS-EC5912NNM1R Datasheet
605Kb / 10P
200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
EC5912NNR1R E-CMOS-EC5912NNR1R Datasheet
605Kb / 10P
200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - EC5911

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
200MHz Rail-to-Rail Amplifier
May 20, 2005
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7046 NJRC-NJU7046 Datasheet
393Kb / 12P
High-Speed, Rail-to-Rail I/O, Single CMOS Operational Amplifier
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
CMOS Rail-to-Rail Operational Amplifier
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
200MHz Rail-to-Rail Amplifier
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
TECH PUBLIC Electronics...
TPA356AIDBVR TECHPUBLIC-TPA356AIDBVR Datasheet
2Mb / 9P
200MHZ High Speed,CMOS Rail-to-Rail Operational Ampilifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com