Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5911 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5911
Description  200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5911 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5911 Datasheet HTML 1Page - E-CMOS Corporation EC5911 Datasheet HTML 2Page - E-CMOS Corporation EC5911 Datasheet HTML 3Page - E-CMOS Corporation EC5911 Datasheet HTML 4Page - E-CMOS Corporation EC5911 Datasheet HTML 5Page - E-CMOS Corporation EC5911 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
200MHz, High-Speed, CMOS,
Rail-to-Rail Operational Amplifier
EC5911
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 2 of 6
Ordering Information
Part Number
Package
Marking
Marking Information
EC5911NNB2R
SOT23-5L
911YW
1. Y:Year
code(D=2013;E=2014;F=2015…)
2. W:Week Code( The big character of
A~Z is for the week of 1~26, and small
a~z is for the week of 27~52.
EC5911NNM1R
SOP-8L
EC5911
LLLLL
YYWWT
1. LLLLL:Last five Number of Lot No
2. YY:Year Code
3. WW:Week Code
4. T:Internal Tracking Code
Absolute Maximum Ratings
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions
outside those indicated in the operational sections of this specification are not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Condition
Min
Max
Power Supply Voltage (VDD to Vss)
-0.5V
+7V
Analog Input Voltage (IN+ or IN-)
Vss-0.5V
VDD+0.5V
PDB Input Voltage
Vss-0.5V
+7V
Operating Temperature Range
-40°C
+125°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C
+150°C
Lead Temperature (soldering, 10sec)
+300°C
Package Thermal Resistance (TA=+25°C)
SOT23-5,
θJA
190°C
SOP8,
θJA
130°C
EC5911NN XX X
B2:SOT23-5L
M1:SOP-8L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com