Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5911 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC5911
Description  200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5911 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC5911 Datasheet HTML 1Page - E-CMOS Corporation EC5911 Datasheet HTML 2Page - E-CMOS Corporation EC5911 Datasheet HTML 3Page - E-CMOS Corporation EC5911 Datasheet HTML 4Page - E-CMOS Corporation EC5911 Datasheet HTML 5Page - E-CMOS Corporation EC5911 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
200MHz, High-Speed, CMOS,
Rail-to-Rail Operational Amplifier
EC5911
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 3 of 6
Electrical Characteristic
(VDD = +5V, Vss = 0V, VCM = 0V, VOUT = VDD/2, RL=100K tied to VDD/2, SHDNB = VDD, TA = -40°C
to +125°C, unless otherwise noted. Typical values are at TA =+25°C.) (Notes 1,2)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply-Voltage Range
VDD
Guaranteed by the PSRR test
2.5
-
5.5
V
Quiescent Supply Current (per
Amplifier)
VDD = 5V
-
2.8
3.3
mA
Input Offset Voltage
VOS
TA=25°C
-
1
-
mV
TA=-40°C~+85°C
-
8
-
TA=-40°C~+125°C
-
-
10
Input Offset Voltage Tempco
ΔVOS/ΔT
-
2
-
μV/°C
Input Bias Current
IB
(Note 3)
-
10
100
pA
Input Offset Current
IOS
(Note 3)
-
10
100
pA
Input Common-Mode Voltage
Range
VCM
Guaranteed by the TA = 25
C
CMRR test, TA = -40
C ~ +125C
-0.1
-
VDD+0.1.5
V
Common-Mode Rejection Ratio
CMRR
Vss-0.1V
VCMVDD+0.1V
TA = 25
C
-
75
-
dB
Vss
≤VCM≤5VDD
TA = 25
C
72
90
-
Vss-0.1V
VCMVDD+0.1V
TA = -40
C ~ +125C
-
68
-
Power-Supply Rejection Ratio
PSRR
VDD = +2.5V to +5.5V
75
90
-
dB
Open-Loop Voltage Gain
AV
RL = 10k
 to VDD/2
VOUT = 100mV to VDD-125mV
90
100
-
dB
RL = 1k
 to VDD/2
VOUT = 200mV to VDD-250mV
80
95
-
RL = 500
 to VDD/2
VOUT = 350mV to VDD-500mV
70
80
-
Output Voltage Swing
VOUT
|VIN+-VIN-|
 10mV
VDD-VOH
-
10
30
mV
RL = 10k
 to VDD/2
VOL-VSS
-
10
35
|VIN+-VIN-|
 10mV
VDD-VOH
-
80
50
RL = 1k
 to VDD/2
VOL-VSS
-
30
50
|VIN+-VIN-|
 10mV
VDD-VOH
-
100
140
RL = 500
 to VDD/2
VOL-VSS
-
100
140
Output Short-Circuit Current
ISC
Sinking or Sourcing
-
100
-
mA
Gain Bandwidth Product
GBW
AV = +1V/V
-
200
-
MHz
Slew Rate
SR
AV = +1V/V
-
125
-
V/μs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com