Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9211 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC9211
Description  High Efficiency 1.5MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9211 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC9211 Datasheet HTML 1Page - E-CMOS Corporation EC9211 Datasheet HTML 2Page - E-CMOS Corporation EC9211 Datasheet HTML 3Page - E-CMOS Corporation EC9211 Datasheet HTML 4Page - E-CMOS Corporation EC9211 Datasheet HTML 5Page - E-CMOS Corporation EC9211 Datasheet HTML 6Page - E-CMOS Corporation EC9211 Datasheet HTML 7Page - E-CMOS Corporation EC9211 Datasheet HTML 8Page - E-CMOS Corporation EC9211 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
High Efficiency 1.5MHz, Step up Regulator
EC9211
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 15
3G24N-Rev.P001
General Description
The EC9211 is a fixed switching frequency (1.5MHz typical),
current-mode, step-up regulator with an integrated N-channel
MOSFET. The device allows the usage of small inductors and
output capacitors for portable devices. The current-mode control
scheme provides fast transient response and good output voltage
accuracy.
The EC9211 includes under-voltage lockout, current limit, and
over-temperature shutdown preventing damage in the event of an
output overload.
Features
●Wide 2.7V to 6V Input Voltage Range
●Built‐in 0.2Ω N‐Channel MOSFET
● Built‐in Soft‐Start
● High Efficiency up to 90%
● <1mA Quiescent Current During Shutdown
● Current‐Mode Operation
● Stable with Ceramic Output Capacitors
● Fast Transient Response
● Current‐Limit Protection
● Over‐Temperature Protection with Hysteresis
● Available in a SOT23‐6 Package
● Lead Free and Green Devices Available
●(RoHS Compliant)
Applications
●Cell Phone and Smart Phone
●PDA, PMP, MP3
●Digital Camera
●Boost Regulators
Pin Configurations
Figure 1 Pin Configuration of EC9211(Top View)


Similar Part No. - EC9211

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
Step-up DC/DC Controller
EC9215NNE1R E-CMOS-EC9215NNE1R Datasheet
1Mb / 15P
Step-up DC/DC Controller
EC9215NNM1R E-CMOS-EC9215NNM1R Datasheet
1Mb / 15P
Step-up DC/DC Controller
More results

Similar Description - EC9211

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
Anpec Electronics Corop...
APW7237 ANPEC-APW7237 Datasheet
584Kb / 20P
1.5MHz, High Efficiency, Step-Up Converter with Internal FET Switch
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8210 TECHCODE-TD8210 Datasheet
1Mb / 16P
High Efficiency 1.5MHz, Step Up Regulator
TD8211 TECHCODE-TD8211 Datasheet
953Kb / 16P
High Efficiency 1.5MHz, Step Up Regulator
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
High Efficiency 1.2MHz Step Up Regulator
logo
First Silicon Co., Ltd
FTD8210 FS-FTD8210 Datasheet
1Mb / 15P
High Efficiency 1.5MHz, Step Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com