Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9211 Datasheet(PDF) 14 Page - E-CMOS Corporation

Part # EC9211
Description  High Efficiency 1.5MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9211 Datasheet(HTML) 14 Page - E-CMOS Corporation

Back Button EC9211 Datasheet HTML 7Page - E-CMOS Corporation EC9211 Datasheet HTML 8Page - E-CMOS Corporation EC9211 Datasheet HTML 9Page - E-CMOS Corporation EC9211 Datasheet HTML 10Page - E-CMOS Corporation EC9211 Datasheet HTML 11Page - E-CMOS Corporation EC9211 Datasheet HTML 12Page - E-CMOS Corporation EC9211 Datasheet HTML 13Page - E-CMOS Corporation EC9211 Datasheet HTML 14Page - E-CMOS Corporation EC9211 Datasheet HTML 15Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
High Efficiency 1.5MHz, Step up Regulator
EC9211
E-CMOS Corp. (www.ecmos.com.tw)
Page 14 of 15
3G24N-Rev.P001
Application Information(Cont.)
I Output Capacitor Selection (Cont.)
where IPEAK is the peak inductor current.
For ceramic capacitor application, the output voltage ripple is
dominated by the
ΔVCOUT. When choosing the input and output
ceramic capacitors, the X5R or X7R with their good temperature
and voltage characteristics are recommended.
Output Voltage Setting
The output voltage is set by a resistive divider. The external
resistive divider is connected to the output which allows remote
voltage sensing as shown in
“Typical Application Circuits”. A
suggestion of the maximum value of R1 is 2M
Ω and R2 is
200k
Ω for keeping the minimum current that provides enough
noise rejection ability through the resistor divider. The output
voltage can be calculated as below:
Diode Selection
To achieve the high efficiency, a Schottky diode must be used.
The current rating of the diode must meet the peak current rating
of the converter.
Layout Consideration
For all switching power supplies, the layout is an important step in
the design especially at high peak currents and switching
frequencies. If the layout is not carefully done, the regulator might
show noise problems and duty cycle jitter.
1. The input capacitor should be placed close to the VIN and the
GND without any via holes for good input voltage filtering.
2. To minimize copper trace connections that can inject noise into
the system, the inductor should be placed as close as possible to
the LX pin to minimize the noise coupling into other circuits.
3. Since the feedback pin and network is a high impedance circuit
the feedback network should be routed away from the inductor.
The feedback pin and feedback network should be shielded with a
ground plane or trace to minimize noise coupling into this circuit.
4. A star ground connection or ground plane minimizes ground
shifts and noise is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com