Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9211 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC9211
Description  High Efficiency 1.5MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9211 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC9211 Datasheet HTML 7Page - E-CMOS Corporation EC9211 Datasheet HTML 8Page - E-CMOS Corporation EC9211 Datasheet HTML 9Page - E-CMOS Corporation EC9211 Datasheet HTML 10Page - E-CMOS Corporation EC9211 Datasheet HTML 11Page - E-CMOS Corporation EC9211 Datasheet HTML 12Page - E-CMOS Corporation EC9211 Datasheet HTML 13Page - E-CMOS Corporation EC9211 Datasheet HTML 14Page - E-CMOS Corporation EC9211 Datasheet HTML 15Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
High Efficiency 1.5MHz, Step up Regulator
EC9211
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 15
3G24N-Rev.P001
Application Information
Input Capacitor Selection
The input capacitor (CIN) reduces the ripple of the input current
drawn from the input supply and reduces noise injection into the
IC. The reflected ripple voltage will be smaller when an input
capacitor with larger capacitance is used. For reliable operation, it
is recommended to select the capacitor with maximum voltage
rating at least 1.2 times of the maximum input voltage. The
capacitors should be placed close to the VIN and the GND.
Inductor Selection
Selecting an inductor with low dc resistance reduces conduction
losses and achieves high efficiency. The efficiency is moderated
whilst using small chip inductor which operates with higher
inductor core losses. Therefore, it is necessary to take further
consideration while choosing an adequate inductor. Mainly, the
inductor value determines the inductor ripple current: larger
inductor value results in smaller inductor ripple current and lower
conduction losses of the converter. However, larger inductor value
generates slower load transient response. A reasonable design
rule is to set the ripple current,
ΔIL, to be 30% to 50% of the
maximum average inductor current,IL(AVG). The inductor value can
be obtained as below,
where
VIN = input voltage
VOUT = output voltage
FSW = switching frequency in MHz
IOUT = maximum output current in amp.
η = Efficiency
ΔIL /IL(AVG) = inductor ripple current/average current
(0.3 to 0.5 typical)
To avoid the saturation of the inductor, the inductor should be
rated at least for the maximum input current of the converter plus
the inductor ripple current. The maximum input current is
calculated as below:
The peak inductor current is calculated as the following equation:
Output Capacitor Selection
The current-mode control scheme of the EC9211 allows the usage
of tiny ceramic capacitors. The higher capacitor value provides
good load transients response. Ceramic capacitors with low ESR
values have the lowest output voltage ripple and are
recommended. If required, tantalum capacitors may be used as
well. The output ripple is the sum of the voltages across the ESR
and the ideal output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com