Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECV321 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # ECV321
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV321 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button ECV321 Datasheet HTML 5Page - E-CMOS Corporation ECV321 Datasheet HTML 6Page - E-CMOS Corporation ECV321 Datasheet HTML 7Page - E-CMOS Corporation ECV321 Datasheet HTML 8Page - E-CMOS Corporation ECV321 Datasheet HTML 9Page - E-CMOS Corporation ECV321 Datasheet HTML 10Page - E-CMOS Corporation ECV321 Datasheet HTML 11Page - E-CMOS Corporation ECV321 Datasheet HTML 12Page - E-CMOS Corporation ECV321 Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Operational Amplifier
ECV321
E-CMOS Corp. (www.ecmos.com.tw)
5A15N-Rev.F002
Page 9 of 13
Electrical Characteristics
(VDD = +5V, Vss = 0V, VCM = 0V, VOUT = VDD/2, RL=100K tied to VDD/2, SHDNB = VDD, TA = -40°C to +125°C,
unless otherwise noted. Typical values are at TA =+25°C.) (Notes 1)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply-Voltage Range
VDD
Guaranteed by the PSRR test
1.8
-
5.5
V
Quiescent Supply Current (per
Amplifier)
IQ
VDD = 5V
-
55
80
µA
Input Offset Voltage
VOS
-
0.5
5
mV
Input Offset Voltage Tempco
∆VOS/∆T
-
2
-
µV/°C
Input Bias Current
IB
(Note 2)
-
10
-
pA
Input Offset Current
IOS
(Note 2)
-
10
-
pA
Input Common-Mode Voltage
Range
VCM
-0.1
-
VDD+0.1
V
VDD=5.5 Vss-0.1V≦VCM≦VDD+0.1V
60
75
-
dB
Common-Mode Rejection Ratio
CMRR
Vss≦VCM≦5V
65
80
-
dB
Power-Supply Rejection Ratio
PSRR
VDD = +1.8V to +5.5V
75
90
-
dB
VDD=5V, RL=100kΩ,
0.05V≦VO≦4.95V
90
100
-
dB
Open-Loop Voltage Gain
AV
VDD=5V, RL=5kΩ,
0.05V≦VO≦4.95V
65
75
-
dB
|VIN+-VIN-|
10mV
VDD-VOH
-
6
-
mV
RL = 100kΩto VDD/2
VOL-VSS
-
6
-
mV
|VIN+-VIN-|
10mV
VDD-VOH
-
60
-
mV
Output Voltage Swing
VOUT
RL = 5kΩto VDD/2
VOL-VSS
-
60
-
mV
Output Short-Circuit Current
ISC
Sinking or Sourcing
-
20
-
mA
Gain Bandwidth Product
GBW
AV = +1V/V
-
1
-
MHz
Slew Rate
SR
AV = +1V/V
-
0.6
-
V/µs
Settling Time
tS
To 0.1%, VOUT = 2V step
AV = +1V/V
-
5
-
µs
Over Load Recovery Time
VIN×Gain=VS
-
2
-
µs
ƒ = 1kHz
-
50
-
nV/√Hz
Input Voltage Noise Density
en
ƒ = 10kHz
-
20
-
nV/√Hz
Note 1: All devices are 100% production tested at TA = +25°C ; all specifications over the automotive temperature
range is guaranteed by design, not production tested.
Note 2: Parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com