Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECV321 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECV321
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV321 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECV321 Datasheet HTML 1Page - E-CMOS Corporation ECV321 Datasheet HTML 2Page - E-CMOS Corporation ECV321 Datasheet HTML 3Page - E-CMOS Corporation ECV321 Datasheet HTML 4Page - E-CMOS Corporation ECV321 Datasheet HTML 5Page - E-CMOS Corporation ECV321 Datasheet HTML 6Page - E-CMOS Corporation ECV321 Datasheet HTML 7Page - E-CMOS Corporation ECV321 Datasheet HTML 8Page - E-CMOS Corporation ECV321 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Operational Amplifier
ECV321
E-CMOS Corp. (www.ecmos.com.tw)
5A15N-Rev.F002
Page 2 of 13
Ordering Information
Part Number
Package
Marking
Marking Information
ECV321NNB2R
SOT23-5L
Y
V321
W
“-“:Tracking code
ECV321NNM1R
SOP-8L
ECV321
LLLLL
YYWWT
1. LLLLL:Last five Number of Lot No
2. YY:Year Code
3. WW:Week Code
4. T:Internal Tracking Code
Application Information
Size
ECV321 series op amps are unity-gain stable and suitable for a wide range of general-purpose applications. The
small footprints of the ECV321 series packages save space on printed circuit boards and enable the design of
smaller electronic products.
Power Supply Bypassing and Board Layout
ECV321 series operates from a single 1.8V to 5.5V supply or dual ±0.9V to ±2.75V supplies. For best performance, a
0.1µF ceramic capacitor should be placed close to the VDD pin in single supply operation. For dual supply operation,
both VDD and VSS supplies should be bypassed to ground with separate 0.1µFceramic capacitors.
Low Supply Current
The low supply current (typical 55µA) of ECV321 series will help to maximize battery life. They are ideal for battery
powered Systems
ECV321NN XX X
B2:
:
:
:SOT23-5L
M1:
:
:
:SOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com