Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECV321 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ECV321
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV321 Datasheet(HTML) 4 Page - E-CMOS Corporation

  ECV321 Datasheet HTML 1Page - E-CMOS Corporation ECV321 Datasheet HTML 2Page - E-CMOS Corporation ECV321 Datasheet HTML 3Page - E-CMOS Corporation ECV321 Datasheet HTML 4Page - E-CMOS Corporation ECV321 Datasheet HTML 5Page - E-CMOS Corporation ECV321 Datasheet HTML 6Page - E-CMOS Corporation ECV321 Datasheet HTML 7Page - E-CMOS Corporation ECV321 Datasheet HTML 8Page - E-CMOS Corporation ECV321 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Operational Amplifier
ECV321
E-CMOS Corp. (www.ecmos.com.tw)
5A15N-Rev.F002
Page 4 of 13
Figure 3. Indirectly Driving a Capacitive Load with DC Accuracy
Differential amplifier
The differential amplifier allows the subtraction of two input voltages or cancellation of a signal common the two
inputs. It is useful as a computational amplifier in making a differential to single-end conversion or in rejecting a
common mode signal. Figure 4. shown the differential amplifier using ECV321.
Figure 4. Differential Amplifier
If the resistor ratios are equal (i.e. R1=R3 and R2=R4), then
Instrumentation Amplifier
The input impedance of the previous differential amplifier is set by the resistors R1, R2, R3, and R4. To maintain the
high input impedance, one can use a voltage follower in front of each input as shown in the following two
instrumentation amplifiers.
Three-Op-Amp Instrumentation Amplifier
The triple ECV321 can be used to build a three-op-amp instrumentation amplifier as shown in Figure 5.
Figure 5. Three-Op-Amp Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com