Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S40LP1CR Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # ECT25S40LP1CR
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LP1CR Datasheet(HTML) 5 Page - E-CMOS Corporation

  ECT25S40LP1CR Datasheet HTML 1Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 2Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 3Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 4Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 5Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 6Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 7Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 8Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
VSS Ground
VSS is the reference for the VCC supply voltage.
Block/Sector Addresses
Table 2. Block/Sector Addresses of ECT25S40
Notes:
1.Block = Uniform Block, and the size is 64K bytes.
2.Half block = Half Uniform Block, and the size is 32k bytes.
3.Sector = Uniform Sector, and the size is 4K bytes.
Memory
Density
Block(64k
byte)
Block(32k
byte)
Sector No.
Sector
Size(KB)
Address range
4Mbit
Block 0
Half block
0
Sector 0
4
000000h-000FFFh
:
:
:
Sector 7
4
007000h-007FFFh
Half block
1
Sector 8
4
008000h-008FFFh
:
4
:
Sector 15
4
00F000h-00FFFFh
Block 1
Half block
2
Sector 16
4
010000h-010FFFh
:
:
:
Sector 23
4
017000h-017FFFh
Half block
3
Sector 24
4
018000h-018FFFh
:
:
:
Sector 31
4
01F000h-01FFFFh
:
:
:
:
:
Block 6
Half block
12
Sector 96
4
060000h-060FFFh
:
:
:
Sector 103
4
067000h-067FFFh
Half block
13
Sector 104
4
068000h-068FFFh
:
:
:
Sector 111
4
06F000h-06FFFFh
Block 7
Half block
14
Sector 112
4
070000h-070FFFh
:
:
:
Sector 119
4
077000h-077FFFh
Half block
15
Sector 120
4
078000h-078FFFh
:
:
:
Sector 127
4
07F000h-07FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com