Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S40LP1CR Datasheet(PDF) 20 Page - E-CMOS Corporation

Part # ECT25S40LP1CR
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LP1CR Datasheet(HTML) 20 Page - E-CMOS Corporation

Back Button ECT25S40LP1CR Datasheet HTML 16Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 17Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 18Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 19Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 20Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 21Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 22Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 23Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 24Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 20 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Quad Output Fast Read (6BH)
See Figure 13, the Quad Output Fast Read instruction is followed by 3-byte address (A23-A0)
and a dummy byte, each bit being latched in during the rising edge of SCLK, then the memory
contents are shifted out 4-bit per clock cycle from IO3, IO2, IO1 and IO0. The first byte
addressed can be at any location. The address is automatically incremented to the next higher
address after each byte of data is shifted out.
Figure 13. Quad Output Fast Read Sequence Diagram
Dual I/O Fast Read (BBH)
See Figure 14, the Dual I/O Fast Read instruction is similar to the Dual Output Fast Read
instruction but with the capability to input the 3-byte address (A23-
0) and a “Continuous Read
Mode”byte 2-bit per clock by SI and SO, each bit being latched in during the rising edge of
SCLK, then the memory contents are shifted out 2-bit per clock cycle from SI and SO. The first
byte addressed can be at any location. The address is automatically incremented to the next
higher address after each byte of data is shifted out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com