Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S40LP1CR Datasheet(PDF) 38 Page - E-CMOS Corporation

Part # ECT25S40LP1CR
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LP1CR Datasheet(HTML) 38 Page - E-CMOS Corporation

Back Button ECT25S40LP1CR Datasheet HTML 34Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 35Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 36Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 37Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 38Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 39Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 40Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 41Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 42Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 38 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
DC Electrical Characteristics
(T= -40℃~85℃, VCC=2.7~3.6V)
Note:
(1)
ICC3 is measured with ATE loading
Symbo
l
Parameter
Test
Condition
Min.
Typ
Max.
Unit.
ILI
Input Leakage Curr
ent
±2
µA
ILO
Output Leakage
Current
±2
µA
ICC1
Standby Current
/CS=VCC,
VIN=VCC or
VSS
13
25
µA
ICC2
Deep Power-Down
Current
/CS=VCC,
VIN=VCC or
VSS
2
5
µA
ICC3
Current: Read
Single/Dual/Quad
1MHz
SCLK=0.1VC
C/
0.9VCC(1)
3/4/5
3.5/5/6
mA
Current: Read
Single/Dual/Quad
33MHz
5/11/19
7.5/12/19.5
mA
Current: Read
Single/Dual/Quad
50MHz
6.5/16/30
9.5/17/33
mA
Current: Read
Single/Dual/Quad
108MHz
10/33/60
12/35/65
mA
ICC4
Operating
Current(Page
Program)
/CS=VCC
15
mA
ICC5
Operating
Current(WRSR)
/CS=VCC
5
mA
ICC6
Operating
Current(Sector Era
se)
/CS=VCC
20
mA
ICC7
Operating
Current(Block Eras
e)
/CS=VCC
20
mA
ICC8
Operating Current
(Chip Erase)
/CS=VCC
20
mA
VIL
Input Low Voltage
-0.5
0.2VCC
V
VIH
Input High Voltage
0.8VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL =100µA
0.4
V
VOH
Output High Voltag
e
IOH =-100µA VCC-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com