Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100PI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXHQ100PI
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100PI Datasheet(HTML) 4 Page - IXYS Corporation

  IXHQ100PI Datasheet HTML 1Page - IXYS Corporation IXHQ100PI Datasheet HTML 2Page - IXYS Corporation IXHQ100PI Datasheet HTML 3Page - IXYS Corporation IXHQ100PI Datasheet HTML 4Page - IXYS Corporation IXHQ100PI Datasheet HTML 5Page - IXYS Corporation IXHQ100PI Datasheet HTML 6Page - IXYS Corporation IXHQ100PI Datasheet HTML 7Page - IXYS Corporation IXHQ100PI Datasheet HTML 8Page - IXYS Corporation IXHQ100PI Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
IXHQ 100PI
IXHQ 100SI
Graph 3: SLOPE Pin current vs. Temperature
Graph 3: SLOPE Pin current vs. Temperature
Graph 3: SLOPE Pin current vs. Temperature
Graph 3: SLOPE Pin current vs. Temperature
Graph 3: SLOPE Pin current vs. Temperature
Graph 4: OFFTM Threshold Voltage vs. Temperature
Graph 4: OFFTM Threshold Voltage vs. Temperature
Graph 4: OFFTM Threshold Voltage vs. Temperature
Graph 4: OFFTM Threshold Voltage vs. Temperature
Graph 4: OFFTM Threshold Voltage vs. Temperature
Graph 5: Vcc Shunt Voltage vs. Temperature
Graph 5: Vcc Shunt Voltage vs. Temperature
Graph 5: Vcc Shunt Voltage vs. Temperature
Graph 5: Vcc Shunt Voltage vs. Temperature
Graph 5: Vcc Shunt Voltage vs. Temperature
Graph 6: Overcurrent Threshold Voltage vs. Temperature
Graph 6: Overcurrent Threshold Voltage vs. Temperature
Graph 6: Overcurrent Threshold Voltage vs. Temperature
Graph 6: Overcurrent Threshold Voltage vs. Temperature
Graph 6: Overcurrent Threshold Voltage vs. Temperature
Graph 8: Vdrop Voltage vs. Temperature
Graph 8: Vdrop Voltage vs. Temperature
Graph 8: Vdrop Voltage vs. Temperature
Graph 8: Vdrop Voltage vs. Temperature
Graph 8: Vdrop Voltage vs. Temperature
Graph 7: Supply Current vs. Shunt Voltage
Graph 7: Supply Current vs. Shunt Voltage
Graph 7: Supply Current vs. Shunt Voltage
Graph 7: Supply Current vs. Shunt Voltage
Graph 7: Supply Current vs. Shunt Voltage
Vshunt (V)
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
Temperature (oC)
-60 -40 -20
0
20
40
60
80 100
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
Temperature (oC)
-60
-40
-20
0
20
40
60
80
100
13.2
13.4
13.6
13.8
14.0
14.2
14.4
Temperature (oC)
-60
-40
-20
0
20
40
60
80
100
76
78
80
82
84
86
88
90
92
94
Temperature (oC)
-60
-40
-20
0
20
40
60
80
100
118
120
122
124
126
128
130
132
134
136
Temperature (oC)
-60
-40
-20
0
20
40
60
80
100
3
4
5
6
ICC = 1mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com