Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100PI Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXHQ100PI
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100PI Datasheet(HTML) 7 Page - IXYS Corporation

  IXHQ100PI Datasheet HTML 1Page - IXYS Corporation IXHQ100PI Datasheet HTML 2Page - IXYS Corporation IXHQ100PI Datasheet HTML 3Page - IXYS Corporation IXHQ100PI Datasheet HTML 4Page - IXYS Corporation IXHQ100PI Datasheet HTML 5Page - IXYS Corporation IXHQ100PI Datasheet HTML 6Page - IXYS Corporation IXHQ100PI Datasheet HTML 7Page - IXYS Corporation IXHQ100PI Datasheet HTML 8Page - IXYS Corporation IXHQ100PI Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
the external load, V
load, is zero. As VSLOPE rises,
its rate of increase determined by the value of
the external capacitor, C8 (figure1), and the
value of the internal current source, I5. V
GATE's
rate of increase follows V
SLOPE. As soon as VGATE
exceeds V
thQ1 (figure 1) of the external power
MOSFET, drain current I
dQ1 starts to flow. The
rate of increase of I
dQ1 is proportional to the rate
of increase of V
SLOPE, and is independent of the
size of C5 , the total filter capacitance of the
load. Note that this rate, which is directly
proportional to C7 and inversely proportional to
C8, could be adjusted . Similarly the Toff-delay
can be adjusted and is directly proportional to
the size of C7.
DEVICE OPERA
DEVICE OPERA
DEVICE OPERA
DEVICE OPERA
DEVICE OPERATION*
TION*
TION*
TION*
TION*
A hot swap operation involves removal and
reinsertion of a device while the system using
it remains in operation. Such an operation
could cause external capacitors to draw cur-
rents high enough to disturb system operations
or even cause permanent damage to both the
device and the system.
The IXHQ100 is designed to prevent any distur-
bances or damage during such occurrences,
allowing the circuit board to be safely inserted
and removed from a live backplane. Capable of
operating under three modes, the chip also acts
as a power active noise filter and an auto-detect
circuit.
Once power is applied, the IXHQ100 starts up
but does not immediately apply power to the
output load. The internal Power Up Reset logic
(see in Figure 2) turns on for 10
µs prior to any
other logic. This pulse goes through two NOR
gates and resets SRFF1 Flip Flop. Once SRFF1
is reset, the current source, I6, charges the
OFFTM pin at a rate proportional to the size of
the external capacitor, C7 (fig 1). During the time
the OFFTM pin is ramping from 0V to Vrf (~5V),
which is the T
off-delay
off-delay
off-delay
off-delay
off-delay,
,,,, COMP1 keeps N3 ON so
V
SLOPE stays at 0V. After Toff-delay
off-delay
off-delay
off-delay
off-delay,
,,,, V
OFFTM
OFFTM
OFFTM
OFFTM
OFFTMecomes
greater than Vrf, and COMP1 goes low, driving
N3 to off state. I5 now starts to charge C1,
ramping +ve i/p of OA4. OA4 buffers V
SLOPE and
sets the GATE output ramp.
It is assumed that when the circuit board is first
inserted into the backplane, the voltage across
Inser
Inser
Inser
Inser
Insertion Pr
tion Pr
tion Pr
tion Pr
tion Process
ocess
ocess
ocess
ocess
As the circuit board is inserted into the
backplane, physical connections should be
made to ground to discharge any electrostatic
voltage. The insertion process begins when
power and ground are supplied to the board
through pins on the blackplane.
IXHQ 100PI
IXHQ 100SI
Normal Operation
Normal Operation
Normal Operation
Normal Operation
Normal Operation
Flip-flop setting and resetting
Flip-flop setting and resetting
Flip-flop setting and resetting
Flip-flop setting and resetting
Flip-flop setting and resetting
*Unless otherwise stated, all symbol and device references are referred to the logic diagram (Fig 2) on page 6
The flip-flop, SRFF1 (fig 2), used in the IXHQ100,
is reset dominant. Hence when both S and R
inputs are driven high, the SRFF1 remains
reset. Under normal operation, S input becomes
high whenever OR1 output is high and R input
is low. In turn, OR1 goes high if any one of the
outputs of EXOR1, or COMP2, or COMP3
goes high.
EXOR1 output goes high if it detects the loss of
either Gnd or -Vin. If INV input is connected to
With continuous –V
in applied, the IXHQ100
acts as an active power filter by modulating the
voltage drop across the external Power
MOSFET V
ds
so that any noise on –V
in
is
cancelled by V
ds.
The direct connection of IXHQ 100’s AGND pin
to –V
in allows the Vdrop (internally set to ~750mV)
to set the ~90% of the maximum peak noise
voltage reject by the IXHQ100. The internal
V
drop setting of ~750 mV allows 1.35 Vpp of
noise rejection. Graph on page 5 illustrates the
level of ripple attenuation during normal
conditions. Notice that the noise rejection is very
high (~60db) between 400Hz to 40KHz, which is
optimal for most hot swap applications.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com