Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100PI Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXHQ100PI
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100PI Datasheet(HTML) 8 Page - IXYS Corporation

  IXHQ100PI Datasheet HTML 1Page - IXYS Corporation IXHQ100PI Datasheet HTML 2Page - IXYS Corporation IXHQ100PI Datasheet HTML 3Page - IXYS Corporation IXHQ100PI Datasheet HTML 4Page - IXYS Corporation IXHQ100PI Datasheet HTML 5Page - IXYS Corporation IXHQ100PI Datasheet HTML 6Page - IXYS Corporation IXHQ100PI Datasheet HTML 7Page - IXYS Corporation IXHQ100PI Datasheet HTML 8Page - IXYS Corporation IXHQ100PI Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
F
F
F
F
Fault Operation
ault Operation
ault Operation
ault Operation
ault Operation
When the output load current is such that the
voltage drop across the current sense resistor
between the SOURCE pin and the AGND
exceeds VCL (internally set to ~120 mv), the
GATE output is driven low to turn off the external
Power MOSFET connected between the load
and -V
in.
An external capacitor connected
between OFFTM pin and AGND pin determines
the off time T
off-delay. IXHQ100 will restart the turn
on sequence of the external Power MOSFET
with a load voltage slope determined by the
size of the external capacitor that is connected
to the SLOPE pin.
Shor
Shor
Shor
Shor
Short Cir
t Cir
t Cir
t Cir
t Circuit Pre
cuit Pre
cuit Pre
cuit Pre
cuit Prevention
vention
vention
vention
vention
Restar
Restar
Restar
Restar
Restart Operation
t Operation
t Operation
t Operation
t Operation
IXHQ 100PI
IXHQ 100SI
Vcc, then GSNSin pin can be used to detect
the presence or absence of -Vin. If INV is
connected to AGND, then GSNSin pin can be
used to detect the presence or absence of
Gnd.
COMP2 output goes high whenever an
overcurrent or a short circuit condition is
detected. The inverting input to COMP2 is
connected to the VCL output pin which is
internally set at approximately 120mV.
As
shown in Figure 1, one side of R4 is in series
with the source of Q1, the drain output of which
drives the load connected to J8. The return
side of R4 is connected to -Vin through J1. For
R4 = 0.02
Ω, Q1 source currents greater than
6A will turn on COMP2 and will be considered
either an overcurrent or short circuit event.
COMP3 goes high whenever the voltage at
OUTsns with respect to AGND becomes less
than 0.1*VCL(approximately 12mV). This can
only occur if either the current drawn by the driven
load is less than 600mA (12mV/.02) or -V
IN is
disconnected. This Auto-Disconnect technique
automatically detects load disconnections
without needing additional sensors.
Thus the SRFF1 will reset when one of the
following events occur:
1. Loss of AGND or -Vin.
2. Overcurrent or short circuit.
3. Auto-Disconnection
A valid S input into SRFF1 will immediately
drive its output, Q1, to high and will turn on both
N5 and N4. N5, an open drain output, will result
in RSTout being driven low. A current limiting
resistor, R1, in series with a 4N35 LED
connected to V
DD
(fig 1)
can be used to
generate an isolated reset pulse. Turning on
N4 will discharge C7 and the internal 10pF
capacitor (fig 2). As soon as V
OFFTM drops below
V
DROP
=~0.9V, COMP4 in Figure 2 will turn on
through NOR1 and NOR2, and resets SRFF1
with a high applied to its R input. This act will
then turn off both N5 and N4 and allow OFFTM
pin to initiate its positive ramp as a result of I6
charging the capacitors C7 (Figure 1) and C2
(Figure 2) connected to the OFFTM pin.
The IXHQ100 will automatically attempt to
restart once a disconnection and reconnection
is detected. Either PUR or COMP4 going high
will reset SRFF1 during normal operation of
the IXHQ100 (fig 2). Resetting SRFF1 turns off
N4 and N5, and the OFFTM pin ramps up in
response. During this ramp, as long as V
OFFTM
is less than Vrf=~4.5V, COMP1 will keep N3 on
and C1 (Figure 2) and C8 (Figure 1) discharged.
After T
off-delay, VOFFTM is at Vrf, COMP1 output
then goes low, turning off N3. Now the SLOPE
pin is free to ramp up as a result of I5 charging
C1 (Figure 2) and C8 (Figure 1). The two unity-
gain buffers, OA4 and OA5, reflect V
SLOPE at the
GATE output pin during this positive ramp. As
soon as V
GATE overcomes the VQ1th, normal
operation is resumed.
When the IXHQ100 detects a short in the load,
a restart is automatically initiated. The GOUT
drops to zero and waits one T
off-delay before
SLOPE ramps up. As before, normal operation
is resumed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com