Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2114 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2114
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2114 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2114 Datasheet HTML 3Page - NXP Semiconductors LPC2114 Datasheet HTML 4Page - NXP Semiconductors LPC2114 Datasheet HTML 5Page - NXP Semiconductors LPC2114 Datasheet HTML 6Page - NXP Semiconductors LPC2114 Datasheet HTML 7Page - NXP Semiconductors LPC2114 Datasheet HTML 8Page - NXP Semiconductors LPC2114 Datasheet HTML 9Page - NXP Semiconductors LPC2114 Datasheet HTML 10Page - NXP Semiconductors LPC2114 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Philips Semiconductors
LPC2114/LPC2124
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
7 of 34
9397 750 13145
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P0.28
13
I
AIN1 — A/D converter, input 1. This analog input is always connected to its
pin.
I
CAP0.2 — Capture input for Timer 0, channel 2.
O
MAT0.2 — Match output for Timer 0, channel 2.
P0.29
14
I
AIN2 — A/D converter, input 2. This analog input is always connected to its
pin.
I
CAP0.3 — Capture input for Timer 0, Channel 3.
O
MAT0.3 — Match output for Timer 0, channel 3.
P0.30
15
I
AIN3 — A/D converter, input 3. This analog input is always connected to its
pin.
I
EINT3 — External interrupt 3 input.
I
CAP0.0 — Capture input for Timer 0, channel 0.
P1.0 to P1.31
I/O
Port 1: Port 1 is a 32-bit bi-directional I/O port with individual direction
controls for each bit. The operation of port 1 pins depends upon the pin
function selected via the Pin Connect Block. Pins 0 through 15 of port 1 are
not available.
P1.16
16
O
TRACEPKT0 — Trace Packet, bit 0. Standard I/O port with internal pull-up.
P1.17
12
O
TRACEPKT1 — Trace Packet, bit 1. Standard I/O port with internal pull-up.
P1.18
8
O
TRACEPKT2 — Trace Packet, bit 2. Standard I/O port with internal pull-up.
P1.19
4
O
TRACEPKT3 — Trace Packet, bit 3. Standard I/O port with internal pull-up.
P1.20
48
O
TRACESYNC — Trace Synchronization. Standard I/O port with internal
pull-up.
Note: LOW on this pin while RESET is LOW, enables pins P1.25:16 to
operate as Trace port after reset.
P1.21
44
O
PIPESTAT0 — Pipeline Status, bit 0. Standard I/O port with internal pull-up.
P1.22
40
O
PIPESTAT1 — Pipeline Status, bit 1. Standard I/O port with internal pull-up.
P1.23
36
O
PIPESTAT2 — Pipeline Status, bit 2. Standard I/O port with internal pull-up.
P1.24
32
O
TRACECLK — Trace Clock. Standard I/O port with internal pull-up.
P1.25
28
I
EXTIN0 — External Trigger Input. Standard I/O with internal pull-up.
P1.26
24
I/O
RTCK — Returned Test Clock output. Extra signal added to the JTAG port.
Assists debugger synchronization when processor frequency varies.
Bi-directional pin with internal pull-up.
Note: LOW on this pin while RESET is LOW, enables pins P1.31:26 to
operate as Debug port after reset.
P1.27
64
O
TDO — Test Data out for JTAG interface.
P1.28
60
I
TDI — Test Data in for JTAG interface.
P1.29
56
I
TCK — Test Clock for JTAG interface.
P1.30
52
I
TMS — Test Mode Select for JTAG interface.
P1.31
20
I
TRST — Test Reset for JTAG interface.
NC
10
NC — Pin not connected.
RESET
57
I
External Reset input: A LOW on this pin resets the device, causing I/O ports
and peripherals to take on their default states, and processor execution to
begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
62
I
Input to the oscillator circuit and internal clock generator circuits.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com