Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2114 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2114
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2114 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2114 Datasheet HTML 13Page - NXP Semiconductors LPC2114 Datasheet HTML 14Page - NXP Semiconductors LPC2114 Datasheet HTML 15Page - NXP Semiconductors LPC2114 Datasheet HTML 16Page - NXP Semiconductors LPC2114 Datasheet HTML 17Page - NXP Semiconductors LPC2114 Datasheet HTML 18Page - NXP Semiconductors LPC2114 Datasheet HTML 19Page - NXP Semiconductors LPC2114 Datasheet HTML 20Page - NXP Semiconductors LPC2114 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Philips Semiconductors
LPC2114/LPC2124
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
17 of 34
9397 750 13145
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.9 Pin function select register 2 (PINSEL2 - 0xE002C014)
The PINSEL2 register controls the functions of the pins as per the settings listed in
Table 8. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions direction is controlled automatically.
Settings other than those shown in the table are reserved, and should not be used.
6.10 General purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by
the GPIO registers. Pins may be dynamically configured as inputs or outputs.
Separate registers allow setting or clearing any number of outputs simultaneously.
The value of the output register may be read back, as well as the current state of the
port pins.
6.10.1
Features
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
6.11 10-bit A/D converter
The LPC2114/LPC2124 each contain single 10-bit successive approximation analog
to digital converter with four multiplexed channels.
6.11.1
Features
• Measurement range of 0 V to 3 V.
• Capable of performing more than 400,000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
31:30
P0.31
0
0
Reserved
0
0
1
Reserved
1
0
Reserved
1
1
Reserved
Table 7:
Pin function select register 1 (PINSEL1 - 0xE002C004)…continued
PINSEL1
Pin Name
Value
Function
Value after
Reset
Table 8:
Pin function select register 2 (PINSEL2 - 0xE002C014)
PINSEL2 bits
Description
Reset value
1:0
Reserved
-
2
When 0, pins P1.31:26 are GPIO pins. When 1,
P1.31:26 are used as Debug port.
0
3
When 0, pins P1.25:16 are used as GPIO pins. When
1, P1.25:16 are used as Trace port.
0
31:4
31:30
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com