Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2114 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC2114
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2114 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC2114 Datasheet HTML 26Page - NXP Semiconductors LPC2114 Datasheet HTML 27Page - NXP Semiconductors LPC2114 Datasheet HTML 28Page - NXP Semiconductors LPC2114 Datasheet HTML 29Page - NXP Semiconductors LPC2114 Datasheet HTML 30Page - NXP Semiconductors LPC2114 Datasheet HTML 31Page - NXP Semiconductors LPC2114 Datasheet HTML 32Page - NXP Semiconductors LPC2114 Datasheet HTML 33Page - NXP Semiconductors LPC2114 Datasheet HTML 34Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Philips Semiconductors
LPC2114/LPC2124
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
30 of 34
9397 750 13145
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.1 Timing
Fig 5.
External clock timing.
tCHCL
tCLCX
tCHCX
tC
tCLCH
002aaa416
0.2 VDD + 0.9
0.2 VDD - 0.1 V
VDD - 0.5 V
0.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com