Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3832 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 12Page - Linear Technology LTC3832 Datasheet HTML 13Page - Linear Technology LTC3832 Datasheet HTML 14Page - Linear Technology LTC3832 Datasheet HTML 15Page - Linear Technology LTC3832 Datasheet HTML 16Page - Linear Technology LTC3832 Datasheet HTML 17Page - Linear Technology LTC3832 Datasheet HTML 18Page - Linear Technology LTC3832 Datasheet HTML 19Page - Linear Technology LTC3832 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC3832/LTC3832-1
sn3832 3832fs
LTC3832 application might exhibit 5A input ripple cur-
rent. Sanyo OS-CON capacitors, part number 10SA220M
(220
µF/10V), feature 2.3A allowable ripple current at
85
°C; three in parallel at the input (to withstand the input
ripple current) meet the above requirements. Similarly,
Sanyo POSCAP 4TPB470M (470
µF/4V) capacitors have a
maximum rated ESR of 0.04
Ω; three in parallel lower the
net output capacitor ESR to 0.013
Ω.
Feedback Loop Compensation
The LTC3832 voltage feedback loop is compensated at the
COMP pin, which is the output node of the error amplifier.
The feedback loop is generally compensated with an RC +
C network from COMP to GND as shown in Figure 10a.
Loop stability is affected by the values of the inductor, the
output capacitor, the output capacitor ESR, the error
amplifier transconductance and the error amplifier com-
pensation network. The inductor and the output capacitor
create a double pole at the frequency:
fL
C
LC
O
OUT
=π
[]
12
/
(
)(
)
The ESR of the output capacitor and the output capacitor
value form a zero at the frequency:
f
ESR C
ESR
OUT
=π
[]
12
/
(
)(
)
The compensation network used with the error amplifier
must provide enough phase margin at the 0dB crossover
frequency for the overall open-loop transfer function. The
zero and pole from the compensation network are:
fZ = 1/[2π(RC)(CC)] and
fP = 1/[2π(RC)(C1)] respectively
Figure 10b shows the Bode plot of the overall transfer
function.
When low ESR output capacitors (Sanyo OS-CON) are
used, the ESR zero can be high enough in frequency that
it provides little phase boost at the loop crossover fre-
quency. As a result, the phase margin becomes
inadequate and the load transient is not optimized. To
resolve this problem, a small capacitor can be connected
APPLICATIO S I FOR ATIO
3832 F10a
LTC3832
VREF
R1
SENSE–
R2
C2
SENSE+
5
VFB
6
COMP
10
7
C1
CC
RC
ERR
Figure 10a. Compensation Pin Hook-Up
3832 F10b
3832 F10c
fZ
fZ
fLC
fLC
fZC2
fCO
fP fPC2
fESR
fESR
fCO
fP
FREQUENCY
FREQUENCY
20dB/DECADE
20dB/DECADE
fSW = LTC3832 SWITCHING
FREQUENCY
fCO = CLOSED-LOOP CROSSOVER
FREQUENCY
fSW = LTC3832 SWITCHING
FREQUENCY
fCO = CLOSED-LOOP CROSSOVER
FREQUENCY
Figure 10b. Bode Plot of the LTC3832 Overall Transfer Function
Figure 10c. Bode Plot of the LTC3832 Overall
Transfer Function Using a Low ESR Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com