Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3832 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 16Page - Linear Technology LTC3832 Datasheet HTML 17Page - Linear Technology LTC3832 Datasheet HTML 18Page - Linear Technology LTC3832 Datasheet HTML 19Page - Linear Technology LTC3832 Datasheet HTML 20Page - Linear Technology LTC3832 Datasheet HTML 21Page - Linear Technology LTC3832 Datasheet HTML 22Page - Linear Technology LTC3832 Datasheet HTML 23Page - Linear Technology LTC3832 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC3832/LTC3832-1
sn3832 3832fs
TYPICAL APPLICATIO S
Typical 3.3V to – 5V, 5A Positive-to-Negative Converter
G1
IMAX
IFB
G2
FB
PGND
GND
VCC
SS
FREQSET
SHDN
COMP
SENSE+
PVCC2
MBR0520
VIN
3.3V
3.5k
1k
100
Ω
0.1
µF
13V
0.1
µF
LO
1.3
µH
Q2
COUT
330
µF
93.1k
1%
12.7k
1%
VOUT
–5V
5A
3832 TA04
Q1
LTC3832
10
µF
SHUTDOWN
NC
NC
PVCC1
SENSE–
NC
+
10
µF
CIN
330
µF
+
1
µF
1
µF
DZ
8.2V
C1
180pF
0.01
µF
CC
1.5nF
RC
15k
CIN, COUT: SANYO POSCAP 6TPB330M
LO: SUMIDA CDEP105-1R3-MC-S
Q1, Q2: SILICONIX Si7440DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com