Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3832 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 4 Page - Linear Technology

  LTC3832 Datasheet HTML 1Page - Linear Technology LTC3832 Datasheet HTML 2Page - Linear Technology LTC3832 Datasheet HTML 3Page - Linear Technology LTC3832 Datasheet HTML 4Page - Linear Technology LTC3832 Datasheet HTML 5Page - Linear Technology LTC3832 Datasheet HTML 6Page - Linear Technology LTC3832 Datasheet HTML 7Page - Linear Technology LTC3832 Datasheet HTML 8Page - Linear Technology LTC3832 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC3832/LTC3832-1
sn3832 3832fs
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
Line Regulation
Output Voltage Temperature Drift
Error Amplifier Transconductance
vs Temperature
Error Amplifier Sink/Source
Current vs Temperature
Error Amplifier Open-Loop Gain
vs Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs FREQSET Input Current
Oscillator (VSAWH – VSAWL)
vs External Sync Frequency
TEMPERATURE (
°C)
–50
180
25
3830 G05
120
80
–25
0
50
60
40
200
160
140
100
75
100
125
EXTERNAL SYNC FREQUENCY (kHz)
100
0.5
0.6
0.8
0.9
1.0
1.5
1.2
200
300
3832 G09
0.7
1.3
1.4
1.1
400
500
TA = 25°C
OUTPUT CURRENT (A)
–15
2.49
2.50
2.51
0
10
3832 G01
2.48
2.47
2.46
–10
–5
5
2.52
2.53
2.54
15
TA = 25°C
REFER TO FIGURE 12
SUPPLY VOLTAGE (V)
3
0.601
0.603
0.605
7
3832 G02
0.599
0.597
0.600
0.602
0.604
0.598
0.596
0.595
1
3
5
–1
–3
0
2
4
–2
–4
–5
4
5
6
8
TA = 25°C
TEMPERATURE (
°C)
–50
2300
25
3832 G03
2000
1800
–25
0
50
1700
1600
2400
2200
2100
1900
75
100
125
TEMPERATURE (
°C)
–50
2.45
2.46
2.48
2.49
2.50
2.55
2.52
0
50
75
3832 G04
2.47
2.53
2.54
2.51
–50
–40
–20
–10
0
50
20
–30
30
40
10
–25
25
100
125
REFER TO FIGURE 12
OUTPUT = NO LOAD
TEMPERATURE (
°C)
–50
50
55
60
65
70
–25
0
25
50
3832 G06
75
100
125
TEMPERATURE (
°C)
–50
280
340
350
360
0
50
75
3832 G07
260
320
300
270
330
240
250
310
290
–25
25
100
125
FREQSET FLOATING
FREQSET INPUT CURRENT (
µA)
–30
700
600
500
400
300
200
100
0
020
3832 G08
–20
–10
10
30
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com