Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC736014D Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC736014D
Description  60V ,60A N-Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC736014D Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC736014D Datasheet HTML 1Page - E-CMOS Corporation EC736014D Datasheet HTML 2Page - E-CMOS Corporation EC736014D Datasheet HTML 3Page - E-CMOS Corporation EC736014D Datasheet HTML 4Page - E-CMOS Corporation EC736014D Datasheet HTML 5Page - E-CMOS Corporation EC736014D Datasheet HTML 6Page - E-CMOS Corporation EC736014D Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EC736014D
60V 、
、
、
、60A N-Channel
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 7
5A21N-Rev.F001
VDSS
60V
RDS(on)
12m
(typ.)
ID
60A
Description
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive
avalanche rating. These features combine to make this design an extremely efficient and reliable device for use in power
switching application and a wide variety of other applications.
Features and Benefits:
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
Main Product Characteristics
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V①
60
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V ①
42
IDM
Pulsed Drain Current
240
A
Power Dissipation
115
W
PD @TC = 25°C
Linear Derating Factor
0.74
W/°C
VDS
Drain-Source Voltage
60
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH
235
mJ
IAS
Avalanche Current @ L=0.3mH
39
A
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to + 175
°C


Similar Part No. - EC736014D

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014AT E-CMOS-EC736014AT Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014J7 E-CMOS-EC736014J7 Datasheet
170Kb / 4P
60V ,40A N-Channel
EC736014J7F2R E-CMOS-EC736014J7F2R Datasheet
170Kb / 4P
60V ,40A N-Channel
More results

Similar Description - EC736014D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
May-2000
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
logo
Fairchild Semiconductor
FDP14AN06LA0 FAIRCHILD-FDP14AN06LA0 Datasheet
250Kb / 11P
N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
60A, 60V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB14AN06L_F085 FAIRCHILD-FDB14AN06L_F085 Datasheet
306Kb / 11P
N-Channel PowerTrench짰 MOSFET 60V, 60A, 14.6mW
logo
STMicroelectronics
STD60NF06T4 STMICROELECTRONICS-STD60NF06T4 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK
13-Jul-2006
logo
Guilin Strong Micro-Ele...
GMP60N06 GSME-GMP60N06 Datasheet
208Kb / 2P
N-channel 60V, 60A, TO-220 PowerMOSFET
logo
First Components Intern...
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
60A 60V N CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
60V 60A N-Channel
logo
ON Semiconductor
FDWS5360L-F085 ONSEMI-FDWS5360L-F085 Datasheet
540Kb / 7P
N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com