Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC736014D Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC736014D
Description  60V ,60A N-Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC736014D Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC736014D Datasheet HTML 1Page - E-CMOS Corporation EC736014D Datasheet HTML 2Page - E-CMOS Corporation EC736014D Datasheet HTML 3Page - E-CMOS Corporation EC736014D Datasheet HTML 4Page - E-CMOS Corporation EC736014D Datasheet HTML 5Page - E-CMOS Corporation EC736014D Datasheet HTML 6Page - E-CMOS Corporation EC736014D Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EC736014D
60V 、
、
、
、60A N-Channel
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 7
5A21N-Rev.F001
Test circuits and Waveforms
Notes:
①
The maximum current rating is limited by bond-wires.
②
Repetitive rating; pulse width limited by max. junction temperature.
③
The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④
The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C
⑤
These curves are based on the junction-to-case thermal impedence which is measured with the
device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=175°C.
⑥
The maximum current rating is limited by bond-wires.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com