Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC736014D Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC736014D
Description  60V ,60A N-Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC736014D Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC736014D Datasheet HTML 1Page - E-CMOS Corporation EC736014D Datasheet HTML 2Page - E-CMOS Corporation EC736014D Datasheet HTML 3Page - E-CMOS Corporation EC736014D Datasheet HTML 4Page - E-CMOS Corporation EC736014D Datasheet HTML 5Page - E-CMOS Corporation EC736014D Datasheet HTML 6Page - E-CMOS Corporation EC736014D Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EC736014D
60V 、
、
、
、60A N-Channel
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 7
5A21N-Rev.F001
Thermal Resistance
ELECTRICAL CHARACTERISTICS (TA=25℃
℃
℃
℃ unless otherwise noted)
Source-Drain Ratings and Characteristics
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case
—
1.31
/W
RθJA
Junction-to-ambient ④
—
62
/W
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
60
—
—
V
VGS = 0V, ID = 250µA
RDS(on)
Static Drain-to-Source on-resistance
—
12
14
m
VGS=10V,ID = 30A
2.0
—
4.0
VGS(th)
Gate threshold voltage
—
2.0
—
V
VDS = VGS, ID =250µA
TJ = 125°C
—
—
2
IDSS
Drain-to-Source leakage current
—
—
10
µA
VDS = 60V,VGS = 0V
TJ = 150°C
—
—
100
VGS =20V
IGSS
Gate-to-Source forward leakage
—
—
-100
nA
VGS = -20V
Qg
Total gate charge
—
45
—
Qgs
Gate-to-Source charge
—
4
—
Qgd
Gate-to-Drain("Miller") charge
—
15
—
nC
ID = 30A,
VDS=30V,
VGS = 10V
td(on)
Turn-on delay time
—
14.6
—
tr
Rise time
—
14.2
—
td(off)
Turn-Off delay time
—
40
—
tf
Fall time
—
7.3
—
ns
VGS=10V, VDS=30V,
RL=15 ,
RGEN=2.5
Ciss
Input capacitance
—
1480
—
Coss
Output capacitance
—
190
—
Crss
Reverse transfer capacitance
—
135
—
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
60
A
ISM
Pulsed Source Current
(Body Diode)
—
—
240
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
—
—
1.3
V
IS=30A, VGS=0V
trr
Reverse Recovery Time
—
33
—
ns
Qrr
Reverse Recovery Charge
—
61
—
nC
TJ = 25°C, I F =15A,
di/dt = 100A/µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com