Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC157 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC157
Description  HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC157 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC157 Datasheet HTML 1Page - STMicroelectronics 74HC157 Datasheet HTML 2Page - STMicroelectronics 74HC157 Datasheet HTML 3Page - STMicroelectronics 74HC157 Datasheet HTML 4Page - STMicroelectronics 74HC157 Datasheet HTML 5Page - STMicroelectronics 74HC157 Datasheet HTML 6Page - STMicroelectronics 74HC157 Datasheet HTML 7Page - STMicroelectronics 74HC157 Datasheet HTML 8Page - STMicroelectronics 74HC157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HCT157/158
M74HCT157/158
April 1993
HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV.)
HCT157 QUAD 2 CHANNEL MULTIPLEXER
B1R
(Plastic Package)
ORDER CODES :
M54HCTXXXF1R
M74HCTXXXM1R
M74HCTXXXB1R
M74HCTXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
HCT158
HCT157
DESCRIPTION
.
HIGH SPEED
tPD = 21 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.) VIL = 0.8V (MAX)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS157/158
The M54/74HCT157 and the M54/74HCT158 are
high speed CMOS QUAD 2-CHANNEL MULTI-
PLEXERs fabricated with silicon gate C
2MOS tech-
nology. They achieve the high speed operation
similar to equivalent LSTTL while maintaining the
CMOS low power dissipation.
These devices consist of four 2-input digital multi-
plexers with common select and strobe inputs. The
HCT158 is an inverting multiplexer while the
HCT157 is a non-inverting multiplexer. When the
STROBE input is held High, selection of data is in-
hibited and all the outputs become Low in the
M74HCT157 and High in the M74HCT158. The SE-
LECT decoding determines whether the A or B in-
puts get routed to their corresponding Y outputs. All
inputs are equipped with protection circuits against
static discharge and transient excess voltage.
M54/74HCT devices are designed to directly inter-
face HSC
2MOS systems with TTL and NMOS com-
ponents. They are also plug in replacements for
LSTTL devices giving a reduction of power con-
sumption.
1/11


Similar Part No. - 74HC157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC157 PHILIPS-74HC157 Datasheet
44Kb / 7P
Quad 2-input multiplexer
December 1990
74HC157 NXP-74HC157 Datasheet
159Kb / 18P
Quad 2-input multiplexer
Rev. 3-31 December 2010
logo
Nexperia B.V. All right...
74HC157 NEXPERIA-74HC157 Datasheet
262Kb / 15P
Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HC157-Q100 NEXPERIA-74HC157-Q100 Datasheet
782Kb / 17P
Quad 2-input multiplexer
74HC157-Q100 NEXPERIA-74HC157-Q100 Datasheet
261Kb / 15P
Quad 2-input multiplexer
Rev. 3 - 24 July 2020
More results

Similar Description - 74HC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
28-Oct-1999
logo
STMicroelectronics
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Apr-2001
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
211Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Sep-2001
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com