Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2960 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC2960
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC2960 Datasheet HTML 5Page - E-CMOS Corporation EC2960 Datasheet HTML 6Page - E-CMOS Corporation EC2960 Datasheet HTML 7Page - E-CMOS Corporation EC2960 Datasheet HTML 8Page - E-CMOS Corporation EC2960 Datasheet HTML 9Page - E-CMOS Corporation EC2960 Datasheet HTML 10Page - E-CMOS Corporation EC2960 Datasheet HTML 11Page - E-CMOS Corporation EC2960 Datasheet HTML 12Page - E-CMOS Corporation EC2960 Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 13
4H19N-Rev.F00F
Application Information
Power Sequencing
The input sequence of powers applied for VIN and VCNTL
is not necessary to be concerned.
Reference Voltage
A reference voltage is applied at the VREF pin by a resistor
divider between VIN and GND pins. An external bypass
capacitor is also connected to VREF. The capacitor and the
resistor divider form a low-pass filter to reduce the inherent
reference noise from VIN.
The capacitor is a 0.1uF or greater ceramic capacitor and
connected as close to VREF as possible. More capacitance
and large resistor divider will increase the soft-start interval.
Do not place any additional loading on this reference input
pin.
Input Capacitor
The EC2960/EC2960A requires proper input capacitors to
supply current surge during stepping load transients to
prevent the input rail from dropping. Because the parasitic
inductors from the voltage sources or other bulk capacitors
to the VIN pin limit the slew rate of the input current, more
parasitic inductance needs more input capacitance.
For the EC2960, the total capacitance of input capacitors
value including MLCC and aluminum electrolytic capacitors
should be larger than 10uF. For VCNTL pin, a capacitor
of 0.47uF (MLCC) or above is recommended for noise
decoupling.
Output Capacitor
The EC2960/EC2960A needs a proper output capacitor to
maintain circuit stability and improve transient response. In
order to insure the circuit stability, a 10uF X5R or X7R
MLCC output capacitor is sufficient at all operating
temperatures and it must be placed near the VOUT. The
maximum distance from output capacitor to VOUT must
within 10mm. Total output capacitors value including
MLCC and aluminum electrolytic capacitors should be
larger than 10uF
Table 1 provides the suitable output capacitors for EC2960
Operation Region and Power Dissipation
The EC2960/EC2960A maximum power dissipation depends on
the thermal resistance and temperature difference between the
die junction and ambient air. The power dissipation PD across
the device is:
Where (TJ-TA) is the temperature difference between the
junction and ambient air. θJA is the thermal resistance
between junction and ambient air. Assuming the TA=25℃
and maximum TJ=150℃ (typical thermal limit threshold),
the maximum power dissipation is calculated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com