Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2960 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC2960
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC2960 Datasheet HTML 1Page - E-CMOS Corporation EC2960 Datasheet HTML 2Page - E-CMOS Corporation EC2960 Datasheet HTML 3Page - E-CMOS Corporation EC2960 Datasheet HTML 4Page - E-CMOS Corporation EC2960 Datasheet HTML 5Page - E-CMOS Corporation EC2960 Datasheet HTML 6Page - E-CMOS Corporation EC2960 Datasheet HTML 7Page - E-CMOS Corporation EC2960 Datasheet HTML 8Page - E-CMOS Corporation EC2960 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 13
4H19N-Rev.F00F
Ordering Information
Part Number
Package
Marking
Marking Information
EC2960NNMHR
SOP-8
(Exposed PAD)
EC2960
LLLLL
YYWWT
1.
LLLLL:last five number of lot No
2.
YYWW:date code
3.
T:Internal tracking code
EC2960ANMHR
SOP-8
(Exposed PAD)
2960A
LLLLL
YYWWT
1.
LLLLL:last five number of lot No
2.
YYWW:date code
3.
T:Internal tracking code
Package Types
Figure 3.
Package Types of EC2960/EC2960A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com