Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2960 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC2960
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC2960 Datasheet HTML 1Page - E-CMOS Corporation EC2960 Datasheet HTML 2Page - E-CMOS Corporation EC2960 Datasheet HTML 3Page - E-CMOS Corporation EC2960 Datasheet HTML 4Page - E-CMOS Corporation EC2960 Datasheet HTML 5Page - E-CMOS Corporation EC2960 Datasheet HTML 6Page - E-CMOS Corporation EC2960 Datasheet HTML 7Page - E-CMOS Corporation EC2960 Datasheet HTML 8Page - E-CMOS Corporation EC2960 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 13
4H19N-Rev.F00F
Pin Assignments
Figure 2 Pin Configuration of EC2960/EC2960A (Top View)
Pin Description
Pin Number
Pin Name
Description
1
VIN
Main Power Input Pin. Connect this pin to a voltage source and an input capacitor.
The EC2960/EC2960A sources current to VOUT pin by controlling the upper pass
MOSFET, providing a current path from VIN to VOUT.
2
GND
Power and Signal Ground. Connect this pin to system ground plane with shortest
traces. The EC2960/EC2960A sinks current from VOUT pin by controlling the
lower pass MOSFET, providing a current path from VOUT to GND. This pin is
also the ground path for internal control circuitry.
3
VREF
Reference Voltage Input and Active-high Enable Control Pin. Apply a voltage to
this pin as a reference voltage for the EC2960/EC2960A. Connect this pin to a
resistor diver, between VIN and GND, and a capacitor for filtering noise purpose.
Applying and holding the voltage below the enable voltage threshold on this pin
by an open-drain transistor shuts down the output. During shutdown, the VOUT
pin has high input impedance.
4
VOUT
I Output Pin of The Regulator. Connect this pin to load and output capacitors
(>8
μF MLCC is necessary) required for stability and improving transient
response. The output voltage is regulated to track the reference voltage and
capable of sourcing or sinking current up to 1.5A/2A.
5,7,8
NC
No Internal Connection.
6
VCNTL
Power Input Pin for Internal Control Circuitry. Connect this pin to a voltage
source, providing a bias for the internal control circuitry. A decoupling capacitor is
connected near this pin.
Exposed Pin
GND
Chip Substrate Connection of The Chip. Connect this pad to system ground plane
for good thermal conductivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com