Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89LPC933
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89LPC933 Datasheet HTML 49Page - NXP Semiconductors P89LPC933 Datasheet HTML 50Page - NXP Semiconductors P89LPC933 Datasheet HTML 51Page - NXP Semiconductors P89LPC933 Datasheet HTML 52Page - NXP Semiconductors P89LPC933 Datasheet HTML 53Page - NXP Semiconductors P89LPC933 Datasheet HTML 54Page - NXP Semiconductors P89LPC933 Datasheet HTML 55Page - NXP Semiconductors P89LPC933 Datasheet HTML 56Page - NXP Semiconductors P89LPC933 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
53 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
x Start immediately.
x Edge triggered.
x Dual start immediately (P89LPC935/936).
s 8-bit conversion time of
≥3.9 µs at an A/D clock of 3.3 MHz.
s Interrupt or polled operation.
s Boundary limits interrupt.
s DAC output to a port pin with high output impedance.
s Clock divider.
s Power-down mode.
9.3 Block diagram
9.4 A/D operating modes
9.4.1 Fixed channel, single conversion mode
A single input channel can be selected for conversion. A single conversion will be
performed and the result placed in the result register which corresponds to the selected
input channel. An interrupt, if enabled, will be generated after the conversion completes.
Fig 23. ADC block diagram
+
–
comp
DAC1
SAR
8
INPUT
MUX
CONTROL
LOGIC
+
–
comp
DAC0
SAR
8
INPUT
MUX
CCLK
002aab080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com