Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89LPC933
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89LPC933 Datasheet HTML 4Page - NXP Semiconductors P89LPC933 Datasheet HTML 5Page - NXP Semiconductors P89LPC933 Datasheet HTML 6Page - NXP Semiconductors P89LPC933 Datasheet HTML 7Page - NXP Semiconductors P89LPC933 Datasheet HTML 8Page - NXP Semiconductors P89LPC933 Datasheet HTML 9Page - NXP Semiconductors P89LPC933 Datasheet HTML 10Page - NXP Semiconductors P89LPC933 Datasheet HTML 11Page - NXP Semiconductors P89LPC933 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
8 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
P1.0 to P1.7
I/O, I
[1]
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type,
except for three pins as noted below. During reset Port 1 latches are
configured in the input only mode with the internal pull-up disabled. The
operation of the configurable Port 1 pins as inputs and outputs depends
upon the port configuration selected. Each of the configurable port pins
are programmed independently. Refer to Section 8.13.1 “Port
configurations” and Table 11 “Static characteristics” for details. P1.2 and
P1.3 are open drain when used as outputs. P1.5 is input only.
All pins have Schmitt trigger inputs.
Port 1 also provides various special functions as described below:
P1.0/TXD
18
14
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for the serial port.
P1.1/RXD
17
13
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for the serial port.
P1.2/T0/SCL 12
8
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain
when used as output).
I/O
SCL — I2C serial clock input/output.
P1.3/INT0/
SDA
11
7
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C serial data input/output.
P1.4/INT1
10
6
I
P1.4 — Port 1 bit 4.
I
INT1 — External interrupt 1 input.t
P1.5/RST
6
2
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External reset input during power-on or if selected via UCFG1.
When functioning as a reset input, a LOW on this pin resets the
microcontroller, causing I/O ports and peripherals to take on their default
states, and the processor begins execution at address 0. Also used during
a power-on sequence to force ISP mode. When using an oscillator
frequency above 12 MHz, the reset input function of P1.5 must be
enabled. An external circuit is required to hold the device in reset at
power-up until VDD has reached its specified level. When system
power is removed VDD will fall below the minimum specified
operating voltage. When using an oscillator frequency above
12 MHz, in some applications, an external brownout detect circuit
may be required to hold the device in reset when VDD falls below the
minimum specified operating voltage.
P1.6/OCB
5
1
I/O
P1.6 — Port 1 bit 6.
O
OCB — Output Compare B. (P89LPC935/936)
P1.7/OCC/
AD00
4
28
I/O
P1.7 — Port 1 bit 7.
O
OCC — Output Compare C. (P89LPC935/936)
I
AD00 — ADC0 channel 0 analog input. (P89LPC935/936)
Table 4:
Pin description …continued
Symbol
Pin
Type
Description
TSSOP28,
PLCC28
HVQFN28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com