Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P89LPC933
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P89LPC933 Datasheet HTML 24Page - NXP Semiconductors P89LPC933 Datasheet HTML 25Page - NXP Semiconductors P89LPC933 Datasheet HTML 26Page - NXP Semiconductors P89LPC933 Datasheet HTML 27Page - NXP Semiconductors P89LPC933 Datasheet HTML 28Page - NXP Semiconductors P89LPC933 Datasheet HTML 29Page - NXP Semiconductors P89LPC933 Datasheet HTML 30Page - NXP Semiconductors P89LPC933 Datasheet HTML 31Page - NXP Semiconductors P89LPC933 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
28 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
• CODE
64 kB of code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC933/934/935/936 have 4 KB/8 kB/16 kB of on-chip
Code memory.
The P89LPC935/936 also has 512 bytes of on-chip data EEPROM that is accessed via
SFRs (see Section 8.27 “Data EEPROM (P89LPC935/936)”).
8.11 Data RAM arrangement
The 768 bytes of on-chip RAM are organized as shown in Table 7.
8.12 Interrupts
The P89LPC933/934/935/936 uses a four priority level interrupt structure. This allows
great flexibility in controlling the handling of the many interrupt sources. The
P89LPC933/934/935/936 supports 15 interrupt sources: external interrupts 0 and 1,
timers 0 and 1, serial port Tx, serial port Rx, combined serial port Rx/Tx, brownout detect,
watchdog/Real-Time clock, I2C-bus, keyboard, comparators 1 and 2, SPI, CCU, data
EEPROM write/ADC completion.
Each interrupt source can be individually enabled or disabled by setting or clearing a bit in
the interrupt enable registers IEN0 or IEN1. The IEN0 register also contains a global
disable bit, EA, which disables all interrupts.
Each interrupt source can be individually programmed to one of four priority levels by
setting or clearing bits in the interrupt priority registers IP0, IP0H, IP1, and IP1H. An
interrupt service routine in progress can be interrupted by a higher priority interrupt, but
not by another interrupt of the same or lower priority. The highest priority interrupt service
cannot be interrupted by any other interrupt source. If two requests of different priority
levels are pending at the start of an instruction, the request of higher priority level is
serviced.
If requests of the same priority level are pending at the start of an instruction, an internal
polling sequence determines which request is serviced. This is called the arbitration
ranking.
Remark: The arbitration ranking is only used to resolve pending requests of the same
priority level.
8.12.1 External interrupt inputs
The P89LPC933/934/935/936 has two external interrupt inputs as well as the Keypad
Interrupt function. The two interrupt inputs are identical to those present on the standard
80C51 microcontrollers.
Table 7:
On-chip data memory usages
Type
Data RAM
Size (bytes)
DATA
Memory that can be addressed directly and indirectly
128
IDATA
Memory that can be addressed indirectly
256
XDATA
Auxiliary (‘External Data’) on-chip memory that is accessed
using the MOVX instructions (P89LPC935/936)
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com