Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHU07N65 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # MHU07N65
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MHU07N65 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  MHU07N65 Datasheet HTML 1Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 2Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 3Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 4Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 5Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 6Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 7Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 8Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 9Page - Chip Integration Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
O
■ Electrical characteristics(T = 25 C unless otherwise specified)
C
PARAMETER
Gate to Source Forward Leakage
Gate Threshold Voltage
Forward Trans conductance
Input Capacitance
Output Capacitance
Drain to Source Breakdown Voltage
Drain to Source Leakage Current
Gate to Source Reverse Leakage
Drain-to-Source On-Resistance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Continuous Source Current
Diode Forward Voltage
Reverse recovery time
Reverse recovery charge
Turn-off Delay Time
Maximum Pulse Current
Bvdss Temperature Coefficient
■ ON Characteristics
PARAMETER
PARAMETER
PARAMETER
■ Dynamic Characteristics
■ Resistive Switching Characteristics
V
= 0V, I = 250µA
G S
D
CONDITIONS
Symbol
V
D S S
I
G S S ( R )
I
D S S
MIN.
650
TYP.
MAX.
UNIT
V
µA
I
G S S ( F )
-10
10
100
1
Δ
BV
/ΔT
D S S
J
0.67
O
V/ C
O
I = 250µA, Reference 25 C
D
V
= 650V, V
= 0V, T = 25°C
D S
G S
a
V
= 520V, V
= 0V, T = 125°C
D S
G S
a
V
= +20V
G S
V
= -20V
G S
V
G S ( t h )
V
2.0
R
D S ( o n )
Ω
1.1
1.4
4.0
V
= V , I = 250µA
D S
G S
D
V
= 10V, I = 3.5A
G S
D
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
g
f s
C
o s s
C
r s s
S
pF
C
i s s
4.5
93
1080
6.5
V
= 15V, I = 3.5A
D S
D
V
= 25V, V
= 0V, f = 1.0MHz
D S
G S
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Total Gate Charge
Gate toSource Charge
Gate to Drain (”Miller”) Charge
Fail Time
ns
tr
td
( O F F )
td
( O N )
36
10
11
I = 7A, V
= 520V, V
= 10V, R = 9.1Ω
D
D D
G S
G
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
nC
Q
g s
Q
g d
Q
g
8
5
24
I = 7A, V
= 520V, V
= 10V
D
D D
G S
tf
18
■ Source-Drain Diode Characteristics
PARAMETER
I
S
ns
Q
r r
I
S M
V
S D
t
r r
1.5
nC
1200
280
28
7
V
A
I = 7.0A, V
= 0V
S
G S
O
I = 7A, T = 25 C, dI /dt = 100A/μs,
S
J
F
V
= 0V
G S
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
■ Thermal characteristics
PARAMETER
Thermal Resistance
Junction to Ambient
CONDITIONS
Symbol
R
θ J C
MIN.
TYP.
MAX.
UNIT
O C/W
R
θ J A
1.32
62
Junction to Case
■ Gate-source Zener Diode
PARAMETER
Gate-Source Breakdown Voltage
CONDITIONS
Symbol
V
G S O
MIN.
TYP.
MAX.
UNIT
V
I
= ±1mA(open Drain)
G S
30
Boby Diode
Boby Diode
Document ID : DS-22M75
Revised Date : 2015/08/24
Revision : C
Pulse Width tp≤300µs,δ≤2%
Pulse Width tp≤300µs,δ≤2%
MHU07N65
Silicon N-Channel Power MOSFET
Chip Integration Technology Corporation
■ OFF Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com