Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHU07N65 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MHU07N65
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MHU07N65 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MHU07N65 Datasheet HTML 1Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 2Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 3Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 4Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 5Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 6Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 7Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 8Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 9Page - Chip Integration Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
■ Features
O
■ Absolute(T = 25 C unless otherwise specified)
C
Fast switching.
ESD improved capability.
Low gate charge. (Typical Data:24nC)
Low reverse transfer capacitances.(Typical:4.5pF)
100% single pulse avalanche energy test.
MHU07N65
Silicon N-Channel Power MOSFET
PARAMETER
Continuous Drain Current
Pulsed Drain Current(Note:1)
Avalanche Energy, Repetitive(Note:1)
Single Pulse Avalanche Energy(Note:2)
Power Dissipation
Maximum temperature for soldering
Drain-to-Source Voltage
Avalanche Current(Note:1)
Document ID : DS-22M75
Revised Date : 2015/08/24
Revision : C
Gate-to-Source Voltage
CONDITIONS
Symbol
V
D S S
T
L
I
A R
MHU07N65
±30
450
UNIT
V
mJ
I
D
300
95
7
A
O C
I
D M
E
A S
54
28
650
3.3
A
V
G S
E
A R
W
mJ
P
D
V
O
Derating factor above 25 C
Continuous Drain Current
O
T = 100 C
C
4.5
0.76
O
W/ C
Operating Junction and Storage Temperature Range
T , T
J
S T G
150,-55 ~ +150
O C
Gate source ESD
V
E S D ( G - S )
3000
V
HBM-C = 100pF, R = 1.5kΩ
Peak Diode Recovery dv/dt(Note:3)
dV/dt
5.0
V/ns
NOTE : 1.Repetitive rating; pulse width limited by maximum junction temperature.
O
2.L=10.0mH, I = 6.3A, Start T = 25 C.
D
J
O
3.I
=4A,di/dt ≤100A/µs, V ≤BV , Start T = 25 C.
S D
D D
D S
J
Main Product Characteristics
I
D
7A
V
D S S
o
P (T =25 C)
D
C
R
D S ( O N ) Ty p
650V
95W
1.1Ω
■ Application
Power switch circuit of adaptor and charger.
Mechanical data
• Epoxy:UL94-V0 rated flame retardant
• Case : JEDEC TO-251 molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed.
Drain
Source
Gate
Inner Equivalent principium Chart
1.Gate 2.Drain 3.Source
1 2 3
Power Dissipation
Chip Integration Technology Corporation
■ Outline
TO-251


Similar Part No. - MHU07N65

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MHU04N60 CITC-MHU04N60 Datasheet
987Kb / 10P
Silicon N-Channel Power MOSFET
MHU04N65 CITC-MHU04N65 Datasheet
789Kb / 10P
Silicon N-Channel Power MOSFET
More results

Similar Description - MHU07N65

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com