Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHU07N65 Datasheet(PDF) 9 Page - Chip Integration Technology Corporation

Part # MHU07N65
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MHU07N65 Datasheet(HTML) 9 Page - Chip Integration Technology Corporation

Back Button MHU07N65 Datasheet HTML 2Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 3Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 4Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 5Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 6Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 7Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 8Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 9Page - Chip Integration Technology Corporation MHU07N65 Datasheet HTML 10Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
The name and content of poisonous and harmful material in products
Part’s Name
Hazardous
Substance
Pb
Hg
Cd
Cr(VI)
PBB
PBDE
Limit
≤0.1%
≤0.1%
≤0.01%
≤0.1%
≤0.1%
≤0.1%
Lead Frame
Molding Compound
Chip
Wire Bonding
Solder
×
Note
○:means the hazardous material is under the criterion of SJ/T11363-2006.
×:means the hazardous material exceeds the criterion of SJ/T11363-2006.
The plumbum element of solder exist in products presently, but within the
allowed range of Eurogroup RoHS.
Warnings
1. Exceeding the maximum ratings of the device in performance may cause damage to the device,
even the permanent failure, which may affect the dependability of the machine. It is suggested
to be used under 80 percent of the maximum ratings of the device.
2. When installing the heatsink, please pay attention to the torsional moment and the smoothness
of the heatsink.
3.
VDMOSFETs is the device which is sensitive to the static electricity, it is necessary to protect
the device from being damaged by the static electricity when using it.
4. This publication is made by CITC and subject to regular change without notice.
Document ID : DS-22M75
Revised Date : 2015/08/24
Revision : C
MHU07N65
Silicon N-Channel Power MOSFET
Chip Integration Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com