Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7146RH Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7146RH
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146RH Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7146RH Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
Page 10
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52162-0 Rev. 2.7
Absolute Maximum Ratings (1)
Power Supply Voltage, (VDD) ...........................................................................................................−0.5V to +4V
DC Input Voltage (Differential inputs)
.................................................................................. −0.5V to V
DD +0.5V
DC Input Voltage (TTL inputs)
.............................................................................................. −0.5V to V
DD+0.5V
DC Output Voltage (TTL Outputs)
....................................................................................... −0.5V to V
DD + 0.5V
Output Current (TTL Outputs) ...................................................................................................................
±50mA
Output Current (Differential Outputs)
............................................................................................±50mA
Case Temperature Under Bias
..................................................................................................... −55oC to +125oC
Storage Temperature
.................................................................................................................... −65oC to +150oC
Relative Humidity (Storage)...................................................................................... 0% - 95% (Non-condensing)
Relative Humidity (Operating)................................................................................................................ 8% - 80%
Maximum Input ESD (Human Body Model) ............................................................................................1500V(2)
NOTES: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied.Exposure to these values for extended
periods may affect device reliability.
(2) High-speed PECL receiver inputs only are rated at 700V.
Recommended Operating Conditions
Power Supply Voltage, (VDD) ................................................................................................................+3.3V+5%
Power Supply Noise, (VDD) ........................................................................ 100mVp-p from 100Hz to TBD MHz
Operating Temperature Range ............................................................. 0oC Ambient to +90oC Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com