Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7146RH Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC7146RH
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146RH Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC7146RH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 19Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 19
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
G52162-0, Rev. 2.7
Revision History:
1.0 Initial Release
1.1 Fix Fig 5, Add Figure 10, New numbers for Power Supply, Dissipation, Zi/Zo/Ri/Ro & Termination.
1.2 Added Trj/Tdj, Power Supply Noise, Pinout Diagram, Different Thermals, Added Reliability
1.3 Filled in TBA’s, package pinout, pin description, dual-mode description. For internal CDR.
2.0 Post CDR. Rev.A target spec.
2.1 Pre-CDR. Rev. B target spec.
2.2 Post-CDR. Rev. B API. Removed reliability table. Changed BCLK name to TBC.
2.2.1 Removed 50 ohm termination wording in table on page 10.
2.3 Modified title and features section to reflect dual speed.
2.4 Added facility loop-back (SLOOP) and speed negotiation port (TXRATE, RXRATE, BCMN) features.
Modified pinout list and diagram accordingly.
Modified spec as per ICR results.
Changed package type from QZ to RH.
2.5 Removed facility loop-back (SLOOP) feature. Changed pin# 80 from SLOOP to TEST4.
Modified Figures 2 and 3 to better reflect RBCN relationship with output data R[0:19].
Modified RBCN vs. R bus timing as per characterization findings.
2.6 Revised max Idd to 750 ma, max power to 2.6 W; Modified ESD rating on p.10; removed “Vitesse
Confidential”
2.7Added typ column to Table 3: TRJ:added typ 5 ps, changed max from 5ps to 7.5ps; TDJ: added typ
25ps. Corrected grammatical/typo errors and corrected inconsistencies. Updated format. Removed marking
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com