Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7146RH Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC7146RH
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146RH Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC7146RH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 19Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
Page 16
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52162-0 Rev. 2.7
Package Information
10
° TYP
10
° TYP
A
D
K
G
F
IH
60
41
80
61
1
20
21
40
0.30 RAD. TYP
.
0.20 RAD. TYP.
A
0.25 MAX.
E
J
0.25
0.17 MAX.
0° - 8°
STANDOFF
COPLANARITY
0.102 MAX LEAD
Item
14 mm
Tolerance
A2.35
MAX
D
2.00
+0.10/-0.05
E0.30
±.05
F
17.20
±.25
G
14.00
±.10
H
17.20
±.25
I
14.00
±.10
J
0.88
+.15/-.10
K0.65
BASIC
NOTES:
Drawing not to scale.
All units in mm unless otherwise noted.
HEATSINK INTRUSION
.0127 MAX
EXPOSED HEATSINK
6.85 + .50 DIA
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com