Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9250 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9250 Datasheet HTML 35Page - Analog Devices AD9250 Datasheet HTML 36Page - Analog Devices AD9250 Datasheet HTML 37Page - Analog Devices AD9250 Datasheet HTML 38Page - Analog Devices AD9250 Datasheet HTML 39Page - Analog Devices AD9250 Datasheet HTML 40Page - Analog Devices AD9250 Datasheet HTML 41Page - Analog Devices AD9250 Datasheet HTML 42Page - Analog Devices AD9250 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 39 of 45
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x3A
SYNCINB±/
SYSREF±
CTRL (local)
SYNCINB±
OPERATION
0 = normal
mode;
1 = realign
lanes on
every
active
SYNCINB±
For
Subclass
1 Only:
0 =
normal
mode;
1 =
realign
lanes on
every
active
SYSREF±;
use with
single
shot
SYSREF in
Subclass 1
mode
SYSREF±
mode;
0 =
continuous
reset clock
dividers;
1 = sync on
next
SYSREF±
rising edge
only
SYSREF±
enable;
0 =
disabled;
1 =
enabled.
NOTE:
This bit
self-clears
after
SYSREF if
SYSREF±
mode = 1
Enable
internal
SYSREF±
buffer;
0 = buffer
disabled,
external
SYSREF±
pin
ignored;
1 = buffer
enabled,
use
external
SYSREF±
pin
0x00
Local
See
Table 14
for more
details
0x40
DCC CTRL
(local)
Freeze dc
correction;
0 =
calculate;
1 =
freezeval
DC correction bandwidth select;
correction bandwidth is 2387.32 Hz/reg val;
there are 14 possible values;
0000 = 2387.32 Hz;
0001 = 1193.66 Hz;
1101 = 0.29 Hz
Enable
DCC
0x00
Local
0x41
DCC value
LSB (local)
DC Correction Value[7:0]
0x00
Local
0x42
DCC value
MSB (local)
DC Correction Value[15:8]
0x00
Local
0x45
Fast detect
control
(local)
Pin
function;
0 = fast
detect;
1 =
overrange
Force
FDA/FDB
pins;
0 =
normal
function;
1 = force
to value
Force
value of
FDA/FDB
pins
if force
pins is true,
this value
is output
on FD pins
Enable fast
detect
output
0x00
Local
0x47
FD upper
threshold
(local)
Fast Detect Upper Threshold[7:0]
0x00
Local
0x48
FD upper
threshold
(local)
Fast Detect Upper Threshold[14:8]
0x00
Local
0x49
FD lower
threshold
(local)
Fast Detect Lower Threshold[7:0]
0x00
Local
0x4A
FD lower
threshold
(local)
Fast Detect Lower Threshold[14:8]
0x00
Local
0x4B
FD dwell
time (local)
Fast Detect Dwell Time[7:0]
0x00
Local
0x4C
FD dwell
time (local)
Fast Detect Dwell Time[15:8]
0x00
Local
0x5E
204B quick
config
Quick configuration register, always reads back 0x00;
0x11 = M = 1, L = 1; one converter, one lane; second converter is not automatically powered down;
0x12 = M = 1, L = 2; one converter, two lanes; second converter is not automatically powered down;
0x21 = M = 2, L = 1; two converters, one lane;
0x22 = M = 2, L = 2; two converters, two lanes
0x00
Always
reads
back
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com