Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9250 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9250 Datasheet HTML 17Page - Analog Devices AD9250 Datasheet HTML 18Page - Analog Devices AD9250 Datasheet HTML 19Page - Analog Devices AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices AD9250 Datasheet HTML 22Page - Analog Devices AD9250 Datasheet HTML 23Page - Analog Devices AD9250 Datasheet HTML 24Page - Analog Devices AD9250 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 21 of 45
The output common-mode voltage of the ADA4930-2 is easily
set with the VCM pin of the AD9250 (see Figure 39), and the
driver can be configured in a Sallen-Key filter topology to
provide band-limiting of the input signal.
VIN
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
0.1µF
AVDD
33Ω
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
ADC
VIN–
VIN+
VCM
ADA4930-2
Figure 39. Differential Input Configuration Using the ADA4930-2
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 40. To bias the
analog input, the VCM voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
VIN+
VIN–
VCM
C2
R2
R3
R2
C2
R3
0.1µF
33Ω
Figure 40. Differential Transformer-Coupled Configuration
Consider the signal characteristics when selecting a transformer.
Most RF transformers saturate at frequencies below a few
megahertz. Excessive signal power can also cause core saturation,
which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9250. For applications where
SNR is a key parameter, differential double balun coupling is
the recommended input configuration (see Figure 41). In this
configuration, the input is ac-coupled and the VCM voltage is
provided to each input through a 33 Ω resistor. These resistors
compensate for losses in the input baluns to provide a 50 Ω
impedance to the driver.
ADC
R1
0.1µF
0.1µF
2V p-p
VIN+
VIN–
VCM
C1
C2
R1
R2
R2
0.1µF
S
0.1µF
C2
33Ω
33Ω
S
PA
P
R3
R3
0.1µF
33Ω
Figure 41. Differential Double Balun Input Configuration
In the double balun and transformer configurations, the value
of the input capacitors and resistors is dependent on the input
frequency and source impedance. Based on these parameters,
the value of the input resistors and capacitors may need to be
adjusted or some components may need to be removed. Table 9
displays recommended values to set the RC network for different
input frequency ranges. However, these values are dependent on
the input signal and bandwidth and should be used only as a
starting guide. Note that the values given in Table 9 are for each
R1, R2, C1, C2, and R3 components shown in Figure 40 and
Figure 41.
Table 9. Example RC Network
Frequency
Range
(MHz)
R1
Series
(Ω)
C1
Differential
(pF)
R2
Series
(Ω)
C2
Shunt
(pF)
R3
Shunt
(Ω)
0 to 100
33
8.2
0
15
24.9
100 to 400
15
8.2
0
8.2
24.9
>400
15
≤3.9
0
≤3.9
24.9
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use an amplifier with variable
gain. The AD8375 or AD8376 digital variable gain amplifier
(DVGAs) provides good performance for driving the AD9250.
Figure 42 shows an example of the AD8376 driving the AD9250
through a band-pass antialiasing filter.
AD8376
ADC
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
20kΩ║2.5pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
180nH
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT® 0603CS COMPONENTS WITH THE
EXCEPTION OF THE 1µH CHOKE INDUCTORS (COILCRAFT 0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER
CENTERED AT 140MHz.
180nH
220nH
220nH
Figure 42. Differential Input Configuration Using the AD8376
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9250.
The full-scale input range can be adjusted by varying the reference
voltage via the SPI. The input span of the ADC tracks the reference
voltage changes linearly.
CLOCK INPUT CONSIDERATIONS
The AD9250 has two options for deriving the input sampling
clock, a differential Nyquist sampling clock input or an RF clock
input (which is internally divided by 4). The clock input is selected
in Register 0x09 and by default is configured for the Nyquist clock
input. For optimum performance, clock the AD9250 Nyquist
sample clock input, CLK+ and CLK−, with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or via capacitors. These pins are biased internally
(see Figure 43) and require no external bias. If the clock inputs
are floated, CLK− is pulled slightly lower than CLK+ to prevent
spurious clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com