Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9250 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9250 Datasheet HTML 9Page - Analog Devices AD9250 Datasheet HTML 10Page - Analog Devices AD9250 Datasheet HTML 11Page - Analog Devices AD9250 Datasheet HTML 12Page - Analog Devices AD9250 Datasheet HTML 13Page - Analog Devices AD9250 Datasheet HTML 14Page - Analog Devices AD9250 Datasheet HTML 15Page - Analog Devices AD9250 Datasheet HTML 16Page - Analog Devices AD9250 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 13 of 45
Pin No.
Mnemonic
Type
Description
Data Outputs
18
SERDOUT1+
Output
Lane B CML Output Data—True.
19
SERDOUT1−
Output
Lane B CML Output Data—Complement.
21
SERDOUT0−
Output
Lane A CML Output Data—Complement.
22
SERDOUT0+
Output
Lane A CML Output Data—True.
DUT Controls
10
RST
Input
Digital Reset (Active Low).
31
SDIO
Input/Output
SPI Serial Data I/O.
32
SCLK
Input
SPI Serial Clock.
33
CS
Input
SPI Chip Select (Active Low).
34
PDWN
Input
Power-Down Input (Active High). The operation of this pin
depends on the SPI mode and can be configured as power-
down or standby (see Table 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com