Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9684 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9684 Datasheet HTML 48Page - Analog Devices AD9684 Datasheet HTML 49Page - Analog Devices AD9684 Datasheet HTML 50Page - Analog Devices AD9684 Datasheet HTML 51Page - Analog Devices AD9684 Datasheet HTML 52Page - Analog Devices AD9684 Datasheet HTML 53Page - Analog Devices AD9684 Datasheet HTML 54Page - Analog Devices AD9684 Datasheet HTML 55Page - Analog Devices AD9684 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
Data Sheet
AD9684
TEST MODES
ADC TEST MODES
The AD9684 has various test options that aid in the system level
implementation. The AD9684 has ADC test modes that are
available in Register 0x550. These test modes are described in
Table 26. When an output test mode is enabled, the analog
section of the ADC is disconnected from the digital back-end
blocks and the test pattern is run through the output formatting
block. Some of the test patterns are subject to output formatting,
and some are not. The pseudorandom number (PN) generators
from the PN sequence tests can be reset by setting Bit 4 or Bit 5
of Register 0x550. These tests can be performed with or without
an analog signal (if present, the analog signal is ignored);
however, they do require an encode clock. For more information,
see the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI.
Table 26. ADC Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default/Seed
Value
Sample (N, N + 1, N + 2, …)
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
00 0000 0000 0000
Not applicable
Not applicable
0010
+Full-scale short
01 1111 1111 1111
Not applicable
Not applicable
0011
−Full-scale short
10 0000 0000 0000
Not applicable
Not applicable
0100
Checkerboard
10 1010 1010 1010
Not applicable
0x1555, 0x2AAA, 0x1555, 0x2AAA, 0x1555
0101
PN sequence
long
x23 + x18 + 1
0x3AFF
0x3FD7, 0x0002, 0x26E0, 0x0A3D, 0x1CA6
0110
PN sequence
short
x9 + x5 + 1
0x0092
0x125B, 0x3C9A, 0x2660, 0x0c65, 0x0697
0111
One-/zero-word
toggle
11 1111 1111 1111
Not applicable
0x0000, 0x3FFF, 0x0000, 0x3FFF, 0x0000
1000
User input
Register 0x551 to
Register 0x558
Not applicable
For repeat mode: User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2], User Pattern 1[15:2]…
For single mode: User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2], 0x0000…
1111
Ramp output
(x) % 214
Not applicable
(x) % 214, (x + 1) % 214, (x + 2) % 214, (x + 3) % 214
Rev. 0 | Page 51 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com