Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9684 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9684 Datasheet HTML 57Page - Analog Devices AD9684 Datasheet HTML 58Page - Analog Devices AD9684 Datasheet HTML 59Page - Analog Devices AD9684 Datasheet HTML 60Page - Analog Devices AD9684 Datasheet HTML 61Page - Analog Devices AD9684 Datasheet HTML 62Page - Analog Devices AD9684 Datasheet HTML 63Page - Analog Devices AD9684 Datasheet HTML 64Page - Analog Devices AD9684 Datasheet HTML 65Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
AD9684
Data Sheet
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x568
LVDS
output
mode
0
0
Frame clock mode (only
used when in output data
mode is in byte mode)
00 = frame clock always
off
01 = frame clock always
on
10 = reserved
11 = frame clock
conditionally on based
on PN23 sequence
0
Output data mode
000 = parallel mode (one converter)
001 = parallel interleaved mode (two
converters)
010 = parallel channel multiplexed
(even/odd) mode (one converter)
011 = parallel channel multiplexed
(even/odd) mode (two converters)
100 = byte mode (one converter)
101 = byte mode (two converters)
110 = byte mode (four converters)
Others = reserved
0x00
0x569
Digital
clock
output
adjust
0
0
0
0
0
0
DCO phase adjustment
0x0: 0°
0x1: 90°
0x2: 180°
0x3: 270°
0x01
0x56A
Output
Parallel
Driver
Adjust 1
0
1
0
0
LVDS output drive current adjust
000 = 2 mA
001 = 2.25 mA
010 = 2.5 mA
011 = 2.75 mA
100 = 3.0 mA
101 = 3.25 mA
110 = 3.5 mA (default)
111 = 3.75 mA
0
0x4C
0x05B
Output
Parallel
Driver
Adjust 2
0
0
0
0
0
0
Output slew rate
control of LVDS driver
Interface
00 = 80 ps
01 = 150 ps
10 = 200 ps
11 = 250 ps
0x00
Rev. 0 | Page 62 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com