Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9684 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9684 Datasheet HTML 17Page - Analog Devices AD9684 Datasheet HTML 18Page - Analog Devices AD9684 Datasheet HTML 19Page - Analog Devices AD9684 Datasheet HTML 20Page - Analog Devices AD9684 Datasheet HTML 21Page - Analog Devices AD9684 Datasheet HTML 22Page - Analog Devices AD9684 Datasheet HTML 23Page - Analog Devices AD9684 Datasheet HTML 24Page - Analog Devices AD9684 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
AD9684
Data Sheet
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 61.7dBFS
ENOB = 9.9 BITS
SFDR = 70dBFS
BUFFER CONTROL 1 = 8.0×
Figure 18. Single Tone FFT with fIN = 1205.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 60.1dBFS
ENOB = 9.7 BITS
SFDR = 71dBFS
BUFFER CONTROL 1 = 8.0×
Figure 19. Single Tone FFT with fIN = 1630.3 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 59.0dBFS
ENOB = 9.5 BITS
SFDR = 69dBFS
BUFFER CONTROL 1 = 8.0×
Figure 20. Single Tone FFT with fIN = 985.3 MHz
60
65
70
75
80
85
90
95
0
100
200
300
ANALOG INPUT FREQUENCY (MHz)
400
500
SFDR
SNR
2.0×
2.0×
3.0×
3.0×
4.0×
4.0×
Figure 21. SNR/SFDR vs. Analog Input Frequency (fIN);
fIN < 500 MHz; Buffer Control 1 Setting = 2.0×, 3.0×, and 4.0×
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 88dBFS
IMD2 = 95dBFS
IMD3 = 88dBFS
BUFFER CONTROL 1 = 2.0×
Figure 22. Two-Tone FFT with fIN1 = 184 MHz and fIN2 = 187 MHz
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 87dBFS
IMD2 = 94dBFS
IMD3 = 87dBFS
BUFFER CONTROL 1 = 2.0×
Figure 23. Two-Tone FFT; fIN1 = 338 MHz, fIN2 = 341 MHz
Rev. 0 | Page 20 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com