Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN874 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN874
Description  HIGH FREQUENCIES DAMPER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN874 Datasheet(HTML) 2 Page - STMicroelectronics

  AN874 Datasheet HTML 1Page - STMicroelectronics AN874 Datasheet HTML 2Page - STMicroelectronics AN874 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTV64D
0A
0V
2A/D
2V/D
100ns/D
Fig. 2: Oscillograms of VFP for DTV64D, DTV82D, DTV110D with Ip=6A dIF/dt = 60A/
µs Tj = 100°C
DTV82D
0A
0V
2A/D
2V/D
100ns/D
DTV110D
0A
0V
2A/D
2V/D
100ns/D
®
APPLICATION NOTE
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com