Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN874 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN874
Description  HIGH FREQUENCIES DAMPER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN874 Datasheet(HTML) 3 Page - STMicroelectronics

  AN874 Datasheet HTML 1Page - STMicroelectronics AN874 Datasheet HTML 2Page - STMicroelectronics AN874 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The corresponding energy can be calculated by :
W ON
=
o
tFR
v. i dt
by using this formula and the switching oscillogram
of the DTV64D we find :
WON = 11.3
µ J
Switching ON losses are given by :
PON
= Won x F
Example : With a DTV64D
Ip = 6A
dIF/dt = 60A/
µs
Tj = 100°C
F = 64kHz
We have
WON = 11.3
µ J
and
PON = 0.73W
Total losses in the damper diode : PT
The reverse losses due to the leakage current are
negligible and the switching OFF losses with ST
damper diodes are also negligible.
So total losses in the damper diodes are the sum of
the conduction losses and the switching ON
losses :
PT = PON + Pcond
Example : DTV64D
Ip = 6A
δ = 0.45
F = 64kHZ
PT = 2.1W
CONCLUSION
The new damper diodes have been optimized for
horizontal deflection circuits working at high
frequencies.
A
new
technology
has
been
developed to reduce the peak forward voltage as
much as possible. The compromise between trr
and VF has been chosen to be sure that switching
OFF losses are negligible. SGS THOMSON offers
high
frequencies
damper
diodes
DTV64D,
DTV82D, DTV110D for operation typically at 64,
82 and 110kHz. Obviously each diode can be used
for higher frequencies : for example a DTV82D can
be used at 110kHz, in this case the total losses will
be higher than with a DTV110D.
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1996 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco -
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
®
APPLICATION NOTE
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com