Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN874 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN874
Description  HIGH FREQUENCIES DAMPER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN874 Datasheet(HTML) 1 Page - STMicroelectronics

  AN874 Datasheet HTML 1Page - STMicroelectronics AN874 Datasheet HTML 2Page - STMicroelectronics AN874 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APPLICATION NOTE
®
HIGH FREQUENCIES DAMPER DIODES
AN874/0996 Ed : 2
B. RIVET
INTRODUCTION
The trend in new monitors is for ever increasing
switching frequencies of the horizontal deflection
stage : 64kHz ---> 110kHz.
SGS THOMSON has developed new 1500V
Damper
diodes
(DTV64D-DTV82D-DTV110D)
using a new silicon structure and a suitable lifetime
reduction process both optimized in order to
reduce the peak forward voltage (VFP) .
For
high
switching
frequencies,
the
key
parameters optimization of the damper diodes
becomes more and more critical. This application
note describes these key parameters and the
associated power losses.
KEY PARAMETERS OF THE DAMPER DIODE
The key parameters of a damper diode are the
peak forward voltage (VFP), the forward voltage
(VF ) and the recovery time (trr).
Reverse recovery time : trr
The table in fig.1 gives the maximum reverse
recovery time for the three high frequency damper
diodes.
The application note "CHOICE OF DAMPER
DIODE FOR A HORIZONTAL DEFLECTION"
explains in detail the very particular mechanism of
the switching OFF losses (Poff) in the damper
diode. The maximum value of trr has been chosen
to be sure that the switching OFF losses in the
damper diode will be negligible.
Voltage drop : VF
This parameter fixes the value of the conduction
losses (Pcond) in the diode. This losses can be
estimated by :
Pcond
= Vto
Ip
2
δ = Rd
Ip
2
3
δ
Where :
Ip
: peak current in the diode
δ
: duty cycle of the conduction time
Vto
: Threshold voltage of the damper diode
Rd
: dynamical resistance of the
damper diode
Example : With a DTV64D
Vto (typ.) = 0.89V
Rd
(typ.) = 35m
and
Ip = 6A
δ = 0.45
We find
Pcond =1.4W
Peak forward voltage : VFP
This parameter has to be as low as possible in
order to reduce switching ON losses in the diode.
The peak forward voltage depends mainly on the
dIF/dt. (VFP increases with dIF/dt). For this
application the dIF/dt is typically equal to 60A/
µs.
Fig.2 shows the current and voltage across the
diode when it turns on, in the following conditions :
Ip = 6A dIF/dt = 60A/
µs Tj = 100°C with DTV64D,
DTV82D and DTV110D.
trr max
IF =1A - dIF/dt =50 A/
µs
VR = 30V - Tj = 25°C
DTV64D
135 ns
DTV82D
125 ns
DTV110D
115 ns
Fig.1: Maximum
reverse
recovery
time
of
DTV64D, DTV82D and DTV110D.
1/3


Similar Part No. - AN874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN874 MAXIM-AN874 Datasheet
44Kb / 6P
Using the MAX6950 and the MAX6951 LED Display Drivers with Multiplex Dual-Digit Displays
Apr 01, 2002
logo
Panasonic Semiconductor
AN8746 PANASONIC-AN8746 Datasheet
53Kb / 5P
PWM driver IC for portable CD player
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
PWM driver IC for portable CD player
More results

Similar Description - AN874

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
High Voltage Damper Diodes
25-Jul-02
DTV32 VISHAY-DTV32 Datasheet
146Kb / 4P
High Voltage Damper Diodes
02-Nov-04
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
High Voltage Damper Diodes
30-Jul-02
DTV32 VISHAY-DTV32_08 Datasheet
143Kb / 5P
High Voltage Damper Diodes
07-Nov-07
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
High Voltage Damper Diodes
07-Nov-07
BYS459-1500 VISHAY-BYS459-1500_07 Datasheet
143Kb / 5P
High Voltage Damper Diodes
06-Nov-07
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
High Voltage Damper Diodes
31-May-2011
DTV32 VISHAY-DTV32_11 Datasheet
123Kb / 5P
High Voltage Damper Diodes
31-May-2011
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
High Voltage Damper Diodes
14-Jan-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com