Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2842 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AS2842
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2842 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AS2842 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ASTEC Semiconductor
Current Mode Controller
AS2842/3/4/5
45
Typical Performance Curves
Current Sense Input Threshold vs
Error Amp Output Voltage
Error Amp Input Voltage vs Ambient
Temperature
Output Sink Capability In Under-
Voltage Mode
Output Saturation Voltage
Figure 10
Figure 11
Figure 12
Figure 13
T
A – Ambient Temperature (°C)
–60
2.460
2.470
2.480
2.490
2.500
2.510
0
30
90
150
–30
60
120
V
FB = VCOMP
V
CC = 15 V
V
COMP – Error Amp Output Voltage (V)
0
–0.4
–0.2
0.2
0.4
0.6
1.2
135
6
24
0
0.8
1.0
T
A = – 55° C
T
A = 25° C
T
A = 125° C
V
OUT – Output Voltage (V)
0
1
10
100
1 A
1.5
2.5
0.5
1
2
V
CC = 6 V
T
A = 25° C
I
OUT – Output Saturation Current (mA)
10
0
3
–1
0
100
500
–2
2
1
Sink Saturation
T
J = 125° C
T
J = –55° C
T
J = 25° C
T
J = 125° C
Source Saturation
V
OUT – VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com