Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2842 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AS2842
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2842 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AS2842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ASTEC Semiconductor
Current Mode Controller
AS2842/3/4/5
47
(C) is charged via resistor (R) from the rectified
AC line. When the voltage on the capacitor (VCC)
reaches the upper UVLO threshold, the IC (and
hence, the power supply) turns on and the volt-
age on C begins to quickly discharge due to the
increased operating current. During this time, the
auxiliary winding begins to supply the current
necessary to run the IC. The capacitor must be
sufficiently large to maintain a voltage greater
than the lower UVLO threshold during start up.
The value of R must be selected to provide
greater than 1 mA of current at the minimum DC
bus voltage (R < VDCmin/1 mA).
The UVLO feature of the AS2842 has significant
advantages over standard 2842 devices. First,
the UVLO thresholds are based on a tempera-
ture compensated band gap reference rather
than conventional zeners. Second, the UVLO
disables the output at power down, offering addi-
tional protection in cases where VREG is heavily
decoupled. The UVLO on some 2842 devices
shuts down the 5 volt regulator only, which
results in eventual power down of the output only
after the 5 volt rail collapses. This can lead to
unwanted stresses on the switching devices dur-
ing power down. The AS2842 has two separate
comparators which monitor both VCC and VREF
and hold the output low if either are not within
specification.
The AS2842 family offers two different UVLO
options. The AS2842/4 has UVLO thresholds of
16 volts (on) and 10 volts (off). The AS2843/5 has
UVLO levels of 8.4 volts (on) and 7.6 volts (off).
1.2 Reference (VREG and VFB)
The AS2842 effectively has two precise band
gap based temperature compensated voltage
references. Most obvious is the VREG pin (pin 8)
which is the output of a series pass regulator.
This 5.0 V output is normally used to provide
charging current to the oscillator’s timing
capacitor (Section 1.3). In addition, there is a
trimmed internal 2.5 V reference which is con-
nected to the non-inverting (+) input of the error
amplifier. The tolerance of the internal reference
is
±0.5%overthefullspecifiedtemperaturerange,
and
±1% for VREG.
The reference section of the AS2842 is greatly
improved over the standard 2842 in a number of
ways. For example, in a closed loop system, the
voltage at the error amplifier’s inverting input
(VFB, pin 1) is forced by the loop to match the
voltage at the non-inverting input. Thus, VFB is
the voltage which sets the accuracy of the entire
system. The 2.5 V reference of the AS2842 is
tightly trimmed for precision at VFB, including
errors caused by the op amp, and is specified
over temperature. This method of trim provides a
precise reference voltage for the error amplifier
while maintaining the original 5 V regulator speci-
fications. In addition, force/sense (Kelvin) bond-
ing to the package pin is utilized to further im-
prove the 5 V load regulation. Standard 2842’s,
on the other hand, specify tight regulation for the
5 V output only and rate it over line, load and
temperature. The voltage at VFB, which is of
critical importance, is loosely specified and only
at 25
° C.
The reference section, in addition to providing a
precise DC reference voltage, also powers most
of the IC’s internal circuitry. Switching noise,
therefore, can be internally coupled onto the
reference. With this in mind, all of the logic within
the AS2842 was designed with ECL type circuitry
which generates less switching noise because it
runs at essentially constant current regardless of
logic state. This, together with improved AC
noise rejection, results in substantially less switch-
ing noise on the 5 V output.
The reference output is short circuit protected
and can safely deliver more than 20 mA to power
external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com