Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2842 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AS2842
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2842 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AS2842 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS2842 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
52
Resistors R1 and RF set the low frequency gain
and should be chosen to provide the highest
possible gain, without exceeding the unity gain
crossing frequency limit of fSW /4. RBIAS, in con-
junction with R1, sets the converter’s output volt-
age; but has no effect on the loop gain/phase
response.
There are a few converter design considerations
associated with the error amplifier. First, the
values of the divider network (R1 and RBIAS)
should be kept low in order to minimize errors
caused by the error amplifier’s input bias current
( –1.0
µA). An output voltage error equal to the
product of the input bias current and the equiva-
lent divider resistance, can be quite significant
with divider values greater than 5 k
Ω. Low divider
resistor values also help to improve the noise
immunity of the sensitive VFB input.
The second consideration is that the error ampli-
fier will typically source only 0.8 mA; thus, the
value of feedback resistance (RF) should be no
lower than 5 k
Ω in order to maintain the error
amplifier’s full output range. In practice, how-
ever, the feedback resistance required is usually
much greater than 5 k
Ω, hence this limitation is
normally not a problem.
Some power supply topologies may require a
more elaborate compensation network. For ex-
ample, flyback and boost converters operating
with continuous current have transfer functions
that include a right half plane (RHP) zero. These
types of systems require an additional pole
element within the compensation network.
A detailed discussion of loop compensation, how-
ever, is beyond the scope of this application note.
1.5 ISENSE current comparator/PWM latch
The current sense comparator (sometimes called
the PWM comparator) and accompanying
latch circuitry make up the pulse width modulator
(PWM). It provides pulse-by-pulse current
sensing/limiting and generates a variable duty
ratio pulse train which controls the output voltage
of the power supply. Included is a high speed
comparator followed by ECL type logic circuitry
which has very low propagation delays and switch-
ing noise. This is essential for high frequency
power supply designs. The comparator has been
designed to provide guaranteed performance
with the current sense input below ground. The
PWM latch ensures that only one pulse is al-
lowed at the output for each oscillator period.
The inverting input to the current sense compara-
tor is internally connected to the level shifted
output of the error amplifier (VE) as discussed in
the previous section. The non-inverting input is
the ISENSE input (pin 3). It monitors the switched
inductor current of the converter.
Figure 20 shows the current sense/PWM cir-
cuitry of the AS2842, and associated waveforms.
The output is set high by an internal clock pulse
and remains high until one of two conditions
occur; 1) the oscillator times out (Section 1.3 )or
2) the PWM latch is set by the current sense
comparator. During the time when the output is
high, the converter’s switching device is turned
on and current flows through resistor RS. This
produces a stepped ramp waveform at pin 3 as
shown in Figure 20. The current will continue to
ramp up until it reaches the level of VE at the
inverting input. At that point, the comparator’s
output goes high, setting the PWM latch and the
output pulse is then terminated. Thus, VE is a
variable reference for the current sense com-
parator, and it controls the peak current sensed
by RS on a cycle-by-cycle basis. VS varies in
proportion to changes in the input voltage/cur-
rent (inner control loop) while VE varies in propor-
tion to changes in the converters output voltage/
current (outer control loop). The two control loops
merge at the current sense comparator, produc-
ing a variable duty ratio pulse train that controls
the output of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com